Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX7SCEC Datasheet(PDF) 141 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family
PDF  152 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 141 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 137Page - NXP Semiconductors IMX7SCEC Datasheet HTML 138Page - NXP Semiconductors IMX7SCEC Datasheet HTML 139Page - NXP Semiconductors IMX7SCEC Datasheet HTML 140Page - NXP Semiconductors IMX7SCEC Datasheet HTML 141Page - NXP Semiconductors IMX7SCEC Datasheet HTML 142Page - NXP Semiconductors IMX7SCEC Datasheet HTML 143Page - NXP Semiconductors IMX7SCEC Datasheet HTML 144Page - NXP Semiconductors IMX7SCEC Datasheet HTML 145Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 152 page
background image
Package information and contact assignments
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 5, 07/2017
NXP Semiconductors
141
N22
EPDC_D04
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[4]
100K PD
M20
EPDC_D05
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[5]
100K PD
M21
EPDC_D06
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[6]
100K PD
M22
EPDC_D07
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[7]
100K PD
M23
EPDC_D08
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[8]
100K PD
L25
EPDC_D09
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[9]
100K PD
L24
EPDC_D10
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[10]
100K PD
L23
EPDC_D11
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[11]
100K PD
L22
EPDC_D12
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[12]
100K PD
L21
EPDC_D13
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[13]
100K PD
L20
EPDC_D14
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[14]
100K PD
K25
EPDC_D15
NVCC_EPDC1
GPIO
ALT5
GPIO2_IO[15]
100K PD
J25
EPDC_GDCLK
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[24]
100K PD
J24
EPDC_GDOE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[25]
100K PD
K21
EPDC_GDRL
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[26]
100K PD
H25
EPDC_GDSP
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[27]
100K PD
H24
EPDC_PWRCOM
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[30]
100K PD
K20
EPDC_PWRSTAT
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[31]
100K PD
G25
EPDC_SDCE0
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[20]
100K PD
G24
EPDC_SDCE1
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[21]
100K PD
H23
EPDC_SDCE2
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[22]
100K PD
H22
EPDC_SDCE3
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[23]
100K PD
J21
EPDC_SDCLK
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[16]
100K PD
J20
EPDC_SDLE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[17]
100K PD
H21
EPDC_SDOE
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[18]
100K PD
H20
EPDC_SDSHR
NVCC_EPDC2
GPIO
ALT5
GPIO2_IO[19]
100K PD
N01
GPIO1_IO00
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO00
100K PU
N02
GPIO1_IO01
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO01
100K PD
N03
GPIO1_IO02
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO02
100K PD
N05
GPIO1_IO03
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO03
100K PD
N06
GPIO1_IO04
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO04
100K PD
P01
GPIO1_IO05
NVCC_GPIO1
GPIO
ALT0
GPIO1_IO05
100K PD
Table 95. i.MX 7Solo 19 x 19 mm functional contact assignments (continued)
Ball
Ball Name
Power Group
Ball
type1
Default
Mode1
Default
Function1
PD/PU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com