Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 44 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 44 Page - Analog Devices

Back Button AD9528 Datasheet HTML 40Page - Analog Devices AD9528 Datasheet HTML 41Page - Analog Devices AD9528 Datasheet HTML 42Page - Analog Devices AD9528 Datasheet HTML 43Page - Analog Devices AD9528 Datasheet HTML 44Page - Analog Devices AD9528 Datasheet HTML 45Page - Analog Devices AD9528 Datasheet HTML 46Page - Analog Devices AD9528 Datasheet HTML 47Page - Analog Devices AD9528 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 44 of 67
R_DIV = 0X00
READ:
R_DIV =
REGISTER 0x207
WRITE:
REGISTER
0x207 = 0x02
WRITE:
REGISTER
0x207 = R_DIV × 2
WRITE:
REGISTER
0x0F = 0x01
READ:
PTH_EN =
REGISTER 0x202[5]
WRITE:
REGISTER
0x202[5] = 1
WRITE:
REGISTER
0x207 = R_DIV
WRITE:
REGISTER
0x202[5] = PTH_EN
WRITE:
REGISTER
0x0F = 0x01
START TIMEOUT CLOCK:
TIME = 0
REGISTER
0x509[0] = 0
TIMEOUT CLOCK:
TIME > 100ms
NO
YES
NO
YES
RAISE FLAG FOR
DEBUGGING
WRITE:
REGISTER 0x0F = 0x01
WRITE:
REGISTER 0x203[0] = 0
WRITE:
REGISTER 0x203[0] = 1
WRITE:
REGISTER 0x0F = 0x01
END
NO
YES
NOTES
1. THIS ROUTINE ASSUMES THAT THE CALIBRATION DIVIDER VALUE IS SET TO A VALUE THAT IS EQUAL TO
TWICE THE PRODUCT OF THE M1 AND N2 DIVIDE VALUES. THIS IS DONE AUTOMATICALLY BY THE AD9528
EVALUATION SOFTWARE WHEN THE PRODUCT OF M1 × N2 = 15.
CREATE LOCAL
VARIABLES TO
RESTORE NORMAL
OPERATING STATE
AFTER CALIBRATION
HALVE PLL2
PFD RATE
USE LOCAL VARIABLES
TO RESTORE PLL2
NORMAL OPERATING
PFD RATE
PLL2 CALIBRATION
COMPLETE POLLING
LOOP
ISSUE VCO
CALIBRATION
COMMAND
START
M1 × N2
[15]
Figure 54. Subprocess, Issue VCO Calibration (M1 × N2 = 15)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com