Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 59 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9528 Datasheet HTML 55Page - Analog Devices AD9528 Datasheet HTML 56Page - Analog Devices AD9528 Datasheet HTML 57Page - Analog Devices AD9528 Datasheet HTML 58Page - Analog Devices AD9528 Datasheet HTML 59Page - Analog Devices AD9528 Datasheet HTML 60Page - Analog Devices AD9528 Datasheet HTML 61Page - Analog Devices AD9528 Datasheet HTML 62Page - Analog Devices AD9528 Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 59 of 67
CLOCK DISTRIBUTION (REGISTER 0x300 TO REGISTER 0x0329)
Table 57. Channel 0 to Channel 13 Control (This Same Map Applies to All 14 Channels)
Address
Bits
Bit Name
Description
0x0300,
0x0303,
0x0306,
0x0309,
0x030C,
0x030F,
0x0312,
0x0315,
0x0318,
0x031B,
0x031E,
0x0321,
0x0324,
0x0327
[7:5]
Channel control, Bits[2:0]
Controls which signal source is selected by the output driver.
Bit 7
Bit 6
Bit 5
Output Signal Source
0
0
0
PLL2/divider output.
0
0
1
PLL1/VCXO output.
0
1
0
SYSREF (retimed by PLL2 output).
0
1
1
SYSREF (retimed by PLL1 output).
1
0
0
PLL2/divider output.
1
0
1
Inverted PLL1/VCXO output.
1
1
0
SYSREF (retimed by PLL2 output).
1
1
1
SYSREF (retimed by inverted PLL1 output).
4
Fine analog delay enable
1 = enables fine delay for the corresponding channel. 600 ps insertion delay.
0 (default) = disables fine analog delay for the corresponding channel.
[3:0]
Fine analog delay, Bits[3:0]
15 fine delay steps.
Step size = 31 ps.
0x0301,
0x0304,
0x0307,
0x030A,
0x030D,
0x0310,
0x0313,
0x0316,
0x0319,
0x031C,
0x031F,
0x0322,
0x0325,
0x0328
[7:6]
Output format, Bits[1:0]
Determines the output logic to be applied.
Bit 7
Bit 6
Output Logic Type
0
0
LVDS.
0
1
LVDS (boost mode).
1
X
HSTL.
[5:0]
Coarse digital delay, Bits[5:0]
Divider initial phase after a sync is asserted relative to the divider input clock (from the
VCO divider output). LSB = ½ of a period of the divider input clock.
Phase = 0: no phase offset.
Phase = 1: ½ period offset
…
Phase = 63: 31.5 period offset.
0x0302,
0x0305,
0x0308,
0x030B,
0x030E,
0x031A,
0x0314,
0x0317,
0x031A,
0x031D,
0x0320,
0x0323,
0x0326,
0x0329
[7:0]
Divide ratio, Bits[7:0] (LSB)
Division = Channel divider Bits[7:0] + 1. For example, [7:0] = 0 is divided by 1, [7:0] = 1
is divided by 2…[7:0] = 255 is divided by 256. 8-bit channel divider.
Table 58. Distribution Sync
Address
Bits
Bit Name
Description
0x032A
[7:1]
Reserved
Reserved.
0
SYNC outputs
Issues SYNC on transition of bit 0 from 1 to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com