Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 28 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 28 Page - Analog Devices

Back Button AD9528 Datasheet HTML 24Page - Analog Devices AD9528 Datasheet HTML 25Page - Analog Devices AD9528 Datasheet HTML 26Page - Analog Devices AD9528 Datasheet HTML 27Page - Analog Devices AD9528 Datasheet HTML 28Page - Analog Devices AD9528 Datasheet HTML 29Page - Analog Devices AD9528 Datasheet HTML 30Page - Analog Devices AD9528 Datasheet HTML 31Page - Analog Devices AD9528 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 28 of 67
VCO CAL DIVIDER
TO DIST/
RESYNC
×2
LDO
LDO
PLL_1.8V
VDD
LDO_VCO
R1
DIVIDE-BY-
1, 2, 3...31
RF VCO
DIVIDER
÷3, ÷4, ÷5
DIVIDE-BY-4
PRESCALER
A/B
COUNTERS
N = 1 TO 256
CHARGE PUMP
8 BITS, 3.5µA LSB
PFD
RZERO
RPOLE2
CPOLE1
CPOLE2
LF2_CAP
N2
AD9528
Figure 30. PLL2 Block Diagram
PLL2 Input 2× Frequency Multiplier
The 2× frequency multiplier provides the option to double the
frequency at the PLL2 reference input. A higher frequency at
the input to the PLL2 (PFD) allows reduced in-band phase
noise and greater separation between the frequency generated
by the PLL and the modulation spur associated with the PFD.
Note that, as the input duty cycle deviates from 50%, harmonic
distortion may increase. As such, beneficial use of the frequency
multiplier is application specific. Typically, a VCXO with proper
interfacing has a duty cycle that is approximately 50% at the
VCXO_IN inputs. Note that the maximum output frequency of
the 2× frequency multipliers must not exceed the maximum
PFD rate specified in Table 7.
If the 2× frequency multiplier is used, a fixed phase offset can
occur from power-up to power-up between the input to the 2×
frequency multiplier and the PLL2 PFD reference input. This
presents the possibility for a fixed phase offset between the
VCXO_IN frequency and PLL2 output of ½ the period of the
signal applied to the VCXO_IN and VCXO_IN pins. If the
internal SYSREF generator is used, choose the PLL2 feedback
path as the input signal of the SYSREF generator to ensure fixed
phase alignment of the SYSREF generator from power-up to
power-up.
PLL2 Input Reference Divider
The input reference divider (R1) provides division in integer
steps from 1 to 31 with a maximum input frequency of 275 MHz.
The divider provides an option to prescale the PFD rate of PLL2
for output frequency planning and to accommodate more
flexibility for setting the desired loop bandwidth for PLL2.
If the R1 divider is used along with the SYSREF generator,
choose the PLL2 feedback path as the input signal of the
SYSREF generator to ensure fixed phase alignment of the
SYSREF generator from power-up to power-up.
PLL2 Feedback Dividers
PLL2 has two feedback paths as shown in Figure 30. In normal
PLL2 operation mode, the PLL2 feedback path consists of N2
(an 8-bit divider) and M1 (a VCO RF divider). The product of
N2 and M1 establishes the total PLL multiplication value for
PLL2.
The second feedback path for PLL2 uses the VCO CAL divider
(see Figure 30). The VCO CAL divider is exclusively used to
calibrate the internal VCO of PLL2. Register 0x0201,
Register 0x0204, Register 0x0207, and Register 0x0208 program
the PLL multiplication values for both PLL2 feedback paths.
The total PLL multiplication in both feedback paths must equal
one another for proper VCO calibration. After each VCO
calibration, the VCO CAL divider feedback path automatically
disables and reverts back to the feedback path with N2 and M1
dividers for normal operation. The VCO CAL divider is not
available outside of VCO calibration.
The VCO CAL divider consists of a prescaler (P) divider and
two counters, A and B. The total divider value is
VCO CAL divider = (P × B) + A
where P = 4.
The VCO CAL feedback divider has a dual modulus prescaler
architecture with a nonprogrammable P that is equal to 4. The
value of the B counter can be from 3 to 63, and the value of the
A counter can be from 0 to 3. 16 is the minimum supported
divide value.
The VCO RF divider (M1) provides frequency division between
the internal VCO and the clock distribution. The VCO RF divider
can be set to divide by 3, 4, or 5. The VCO RF divider is part of
the total PLL2 feedback path value for normal operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com