Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 55 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 55 Page - Analog Devices

Back Button AD9528 Datasheet HTML 51Page - Analog Devices AD9528 Datasheet HTML 52Page - Analog Devices AD9528 Datasheet HTML 53Page - Analog Devices AD9528 Datasheet HTML 54Page - Analog Devices AD9528 Datasheet HTML 55Page - Analog Devices AD9528 Datasheet HTML 56Page - Analog Devices AD9528 Datasheet HTML 57Page - Analog Devices AD9528 Datasheet HTML 58Page - Analog Devices AD9528 Datasheet HTML 59Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 67 page
background image
Data Sheet
AD9528
Rev. D | Page 55 of 67
Table 46. PLL1 Input Receiver Control
Address
Bits
Bit Name
Description
0x0108
7
Frequency detector power-down
enable
1 = enabled.
0 = disabled (default).
6
REFB differential receiver enable
1 = differential receiver mode.
0 = single-ended receiver mode (also depends on Register 0x0109, Bit 1) (default).
5
REFA differential receiver enable
1 = differential receiver mode.
0 = single-ended receiver mode (also depends on Register 0x0109, Bit 0) (default).
4
REFB input receiver enable
REFB receiver power-down control mode.
1 = enable REFB receiver.
0 = power-down (default).
3
REFA input receiver enable
REFA receiver power-down control mode.
1 = enable REFA receiver.
0 = power-down (default).
2
VCXO receiver power-down
enable
Enables control over power-down of the VCXO receivers.
1 = power-down control enabled.
0 = both receivers enabled (default).
1
VCXO single-ended receiver
mode enable CMOS mode
Selects which single-ended input pin is enabled when in the single-ended receiver
mode (Register 0x0108, Bit 0 = 0).
1 = negative receiver from VCXO input (VCXO_IN pin) selected.
0 = positive receiver from VCXO input (VCXO_IN pin) selected (default).
0
VCXO differential receiver enable
1 = differential receiver mode.
0 = single-ended receiver mode (default).
0x0109
[7:6]
Reserved
Reserved.
5
N1 feedback divider reset
Puts divider in reset.
1 = Divider held in reset.
0 = divider normal operation.
4
REFB divider (RB) reset
Puts divider in reset.
1 = Divider held in reset.
0 = divider normal operation.
3
REFA divider (RA) reset
Puts divider in reset.
1 = Divider held in reset.
0 = divider normal operation.
2
PLL1 Feedback Divider Source
Selects the input source to the PLL1 feedback divider.
1 = selects VCXO as the input to the PLL1 feedback divider.
0 = selects the PLL2 feedback divider output as the input to the PLL1 feedback
divider.
1
REFB single-ended negative
pin enable (CMOS mode)
Selects which single-ended input pin is enabled when in single-ended receiver mode
(also depends on Register 0x0108, Bit 6 = 0).
1 = REFB pin enabled.
0 = REFB pin enabled.
0
REFA single-ended negative pin
mode enable (CMOS mode)
Selects which single-ended input pin is enabled when in single-ended receiver mode
(also depends on Register 0x0108, Bit 5 = 0).
1 = REFA pin enabled.
0 = REFA pin enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com