Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9528 Datasheet(PDF) 12 Page - Analog Devices

Part # AD9528
Description  JESD204B Clock Generator with 14 LVDS/HSTL Outputs
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9528 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD9528 Datasheet HTML 8Page - Analog Devices AD9528 Datasheet HTML 9Page - Analog Devices AD9528 Datasheet HTML 10Page - Analog Devices AD9528 Datasheet HTML 11Page - Analog Devices AD9528 Datasheet HTML 12Page - Analog Devices AD9528 Datasheet HTML 13Page - Analog Devices AD9528 Datasheet HTML 14Page - Analog Devices AD9528 Datasheet HTML 15Page - Analog Devices AD9528 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 67 page
background image
AD9528
Data Sheet
Rev. D | Page 12 of 67
CLOCK OUTPUT ADDITIVE TIME JITTER (BUFFER MODE)
Table 14.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT ADDITIVE RMS TIME JITTER
Application examples are based on typical performance (see
Table 2) using an external 122.88 MHz source driving VCXO
inputs (distribution section only, does not include PLL and
VCO)
Buffer Mode
HSTL Output
66
fs
Integrated BW = 200 kHz to 5 MHz
fOUT = 122.88 MHz
81
fs
Integrated BW = 200 kHz to 10 MHz
112
fs
Integrated BW = 12 kHz to 20 MHz
145
fs
Integrated BW = 10 kHz to 40 MHz
146
fs
Integrated BW = 1 kHz to 40 MHz
132
fs
Integrated BW = 1 MHz to 40 MHz
LVDS Output
79
fs
Integrated BW = 200 kHz to 5 MHz
fOUT = 122.88 MHz
101
fs
Integrated BW = 200 kHz to 10 MHz
140
fs
Integrated BW = 12 kHz to 20 MHz
187
fs
Integrated BW = 10 kHz to 40 MHz
189
fs
Integrated BW = 1 kHz to 40 MHz
176
fs
Integrated BW = 1 MHz to 40 MHz
LOGIC INPUT PINS—RESET, REF_SEL, AND SYSREF_REQ
Table 15.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
VOLTAGE
Input High
1.3
V
Input Low
0.6
V
INPUT LOW CURRENT
13
14
µA
CAPACITANCE
4
pF
RESET TIMING
Pulse Width Low
1.0
ns
Inactive to Start of Register
Programming
2.5
ns
STATUS OUTPUT PINS—STATUS0 AND STATUS1
Table 16.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
OUTPUT VOLTAGE
High
3
V
Low
0.02
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com