Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545BCPZ Datasheet(PDF) 76 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 76 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 72Page - Analog Devices AD9545BCPZ Datasheet HTML 73Page - Analog Devices AD9545BCPZ Datasheet HTML 74Page - Analog Devices AD9545BCPZ Datasheet HTML 75Page - Analog Devices AD9545BCPZ Datasheet HTML 76Page - Analog Devices AD9545BCPZ Datasheet HTML 77Page - Analog Devices AD9545BCPZ Datasheet HTML 78Page - Analog Devices AD9545BCPZ Datasheet HTML 79Page - Analog Devices AD9545BCPZ Datasheet HTML 80Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 157 page
background image
AD9545
Data Sheet
Rev. A | Page 76 of 157
SOURCE PROFILES
SOURCE PROFILES OVERVIEW
The source profiles give the user a method to define how an
input source, when selected by a DPLL channel via the active
translation profile, interacts with the DPLL. The register map
provides access to the eight source profiles via Register 0x0800
to Register 0x08F1. Each source profile gives the user control of
the following parameters:
•
DPLL phase lock detector
•
DPLL frequency lock detector
•
Phase step limit
•
Skew adjustment
•
Initial phase skew refinement steps
The source profiles relate to the Profile x.y reference source
selection bit field associated with the DPLL translation profiles
found in Register 0x1200 to Register 0x12B7 and Register 0x1600
to Register 0x16B7. That is, a translation profile attaches to a
particular source profile based on the value of the associated
Profile x.y reference source selection bit field of the translation
profile (see the Translation Profiles section).
DPLL PHASE/FREQUENCY LOCK DETECTOR
See the DPLL Lock Detectors section for details concerning the
phase and frequency detectors of the DPLL.
PHASE STEP LIMIT
Although the AD9545 has the ability to switch between
multiple reference inputs, some applications use only one input
and handle reference switching externally (see Figure 66). This
arrangement forfeits the ability of the AD9545 to mitigate the
output disturbance associated with a reference switchover,
because the reference switchover is not under the control of the
AD9545. However, the AD9545 offers a phase transient
threshold detection feature to help identify when an external
reference switchover occurs and act accordingly.
AD9545
REFx
REFERENCE 1
REFERENCE 2
SWITCHOVER
CONTROL
Figure 66. External Reference Switching
Phase transient threshold detection works by monitoring the
output of the DPLL phase detector for phase transients but in a
manner that is somewhat jitter tolerant. Otherwise, the phase
transient threshold detector is prone to false positives.
To activate the phase transient threshold detection, program the
32-bit unsigned Profile x phase step threshold bit field (where x
is a value from 0 through 7 corresponding to a particular source
profile) in registers starting with Address 0x080A, Address 0x082A,
Address 0x084A, Address 0x086A, Address 0x088A, Address
0x08AA, Address 0x08CA, and Address 0x08EA.
The default value is zero, which disables the phase transient
threshold detector. A nonzero value denotes the desired phase
step threshold (ΦTHRESH) in units of picoseconds per the
following equation.
ΦTHRESH
= Profile x Phase Step Threshold × 10−12
(14)
The phase transient threshold detector is not active unless the
DPLL indicates frequency locked status.
Determine the value of the Profile x phase step threshold bit
field necessary for a 12 ns limit (that is, ΦTHRESH = 12 × 10−9).
Solving Equation 14 for Profile x phase step threshold yields
Profile x Phase step Threshold = ΦTHRESH/10−12
= (12 × 10−9)/10−12
= 12,000
= 0x00002EE0 (hexadecimal)
To reduce the likelihood of threshold violations induced by
jitter, the user must choose ΦTHRESH to be at least two times the
expected rms jitter (σJITTER) associated with the input reference
signal.
ΦTHRESH
≥ 2 × σJITTER
(15)
As such, in the previous example with for Profile x phase step
threshold = 12,000, an input signal with 12 ns rms jitter is likely
to produce false positives, because it violates the inequality in
Equation 15. To reduce the likelihood of a false positive, the
inequality in Equation 15 implies that Profile x phase step
threshold = 24,000 is a better choice. However, even with a
value of 24,000, there is still a slight probability of a jitter sample
exceeding 2 × σJITTER. As such, scaling σJITTER by four to six is an
even better choice.
When a phase transient occurs that exceeds the prescribed
value, one or both of the following two events occur, depending
on the state of the enable step detect reference fault bit in Bit D7
of Register 0x2105 and Register 0x2205:
•
The DPLL initiates a new acquisition sequence
•
The reference monitor is reset
When the enable step detect reference fault bit is Logic 0
(default), detection of a phase step causes only the first event to
occur. By initializing a new DPLL acquisition sequence, the
DPLL can take advantage of the fast acquisition feature (see the
DPLL Fast Acquisition (FACQ) Options section), assuming it is
active, which is especially helpful for very low loop bandwidth
applications. In addition, a new acquisition manages the impact
of the phase step by either building out the phase or slewing to
the new phase in a hitless manner.
When the enable step detect reference fault bit is Logic 1,
detection of a phase step causes both events to occur. Because
exceeding the phase step threshold in this case implies an
external switch to a new reference, resetting the reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com