Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545BCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 79Page - Analog Devices AD9545BCPZ Datasheet HTML 80Page - Analog Devices AD9545BCPZ Datasheet HTML 81Page - Analog Devices AD9545BCPZ Datasheet HTML 82Page - Analog Devices AD9545BCPZ Datasheet HTML 83Page - Analog Devices AD9545BCPZ Datasheet HTML 84Page - Analog Devices AD9545BCPZ Datasheet HTML 85Page - Analog Devices AD9545BCPZ Datasheet HTML 86Page - Analog Devices AD9545BCPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 83 of 157
DIGITAL
PHASE
DETECTOR
N-DIVIDER
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
LOCK
DETECTORS
FTW
PROCESSOR
DPLLx FREERUN
TUNING WORD
46
LOOP
CONTROLLER
XOA XOB
AD9545
TDC
TDC
TEXT
= BIT(S) IN THE REGISTER MAP
48-BIT
FTW
DIGITAL
CROSS
POINT
MUX
Figure 71. DPLL Block Diagram
Figure 71 also shows the lock detectors (see the DPLL Lock
Detectors section). For details on the feedback divider, see the
DPLL Feedback Divider (N-Divider) section. For clarity, Figure
71 also shows the digital cross point mux and TDCs that feed
the digital phase detector (the TDCs convert the rising edges of
the input and feedback signals to numeric time stamps (see the
Time to Digital Converter (TDC) section for details)).
Although Figure 71 shows the N-divider connected directly to
the NCO output, this diagram is a simplification of the actual
feedback path (see Figure 62 in the Frequency Translation
Loops section). However, with regard to the operation and
control of the DPLL, this simplification is valid in the context of
the following paragraphs.
Frequency tuning of the DPLL is by virtue of a numerically
controlled oscillator (NCO), which employs a sigma-delta
modulator (SDM) architecture. The SDM has an internal
integer divider that divides down the system clock frequency
with the output of the divider constituting the output of the
NCO. The SDM effectively modulates the modulus of this
divider to produce an output frequency that is a fractionally
scaled down version of the system clock frequency based on an
input 48-bit FTW. Because the NCO is SDM-based, it employs
noise shaping that redistributes its modulation noise away from
the NCO output frequency (the APLL, which follows the DPLL,
suppresses the out of band modulation noise of the SDM).
The output frequency of the NCO (fNCO) depends on the
numeric value of the 48-bit FTW and the frequency of the
system clock (fS) per the following equation:
fNCO = fS × FTW/248
For a given fS and a desired fNCO, compute FTW as
FTW = round(248 × fNCO/fS)
(18)
where round() is a function to round the value in () to the
nearest integer.
The NCO automatically converts the 48-bit FTW into two
components: an integer part (INT) and a fractional part
(FRAC). The following constraints apply to INT and FRAC:
•
7 ≤ INT ≤ 13
•
0.05 ≤ FRAC ≤ 0.95
The constraints on INT and FRAC necessarily impose
limitations on the choice of FTW. To determine if FTW (as
prescribed by Equation 18) is valid, calculate INT and FRAC for
a given FTW, per Equation 19, where the operation on the left
side of the equation yields a number with an integer part and
fractional part (INT.FRAC).
248/FTW = INT.FRAC
(19)
For example, let fS = 2.30 GHz and fNCO = 245.76 MHz, which
yields the following:
FTW = round(248 × 245.76 MHz/2.30 GHz)
= 30,076,213,163,657
Use FTW to determine INT.FRAC as follows:
248/FTW = INT.FRAC
248/30,076,213,163,657 = 9.3587239583
That is, INT = 9 and FRAC = 0.3587239583, which satisfies the
7 ≤ INT ≤ 13 and 0.05 ≤ FRAC ≤ 0.95 constraint.
Although the preceding example validates FTW for the given fS
and fNCO, it does not necessarily validate FTW for a give
application. That is, the preceding example assumes fS and fNCO
are completely static values. However, fS is only as stable as the
oscillator or resonator at the XOA and XOB pins. Furthermore,
with the DPLL locked to an input reference signal, fNCO tracks
variations in the reference frequency. Therefore, the user must
assess variation on FTW for a given application. That is, there is
an upper and lower FTW value to consider, which leads to
upper and lower INT.FRAC values as well.
For example, assume in the preceding example that the
particular application causes FTW to vary by 0.5%, leading to
two FTW values that differ from 30,076,213,163,657 by 0.5%:
Lower FTW = 29,925,832,097,839
Upper FTW = 30,226,594,229,475
The upper and lower FTW values lead to the following
INT.FRAC values:
Lower INT.FRAC = 9.4057527219
Upper INT.FRAC = 9.3121631426
In this case, both INT values and both FRAC values satisfy the
constraints on INT and FRAC.
It is imperative that the upper and lower INT values be the
same. Otherwise, it implies that the upper and lower FTW
values cross an SDM integer boundary, which can lead to poor
spurious performance. There are two ways to remedy this problem.
The first, which is less workable, is to limit the variation on the
system clock frequency and the reference input frequency. The
second is to choose a new FTW value (and, by implication, a
new fNCO value). In either case, the goal is to constrain the
variation of the FTW such that it yields identical (and valid)
upper and lower INT values, as well as valid upper and lower
FRAC values.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com