Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545BCPZ Datasheet(PDF) 89 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 85Page - Analog Devices AD9545BCPZ Datasheet HTML 86Page - Analog Devices AD9545BCPZ Datasheet HTML 87Page - Analog Devices AD9545BCPZ Datasheet HTML 88Page - Analog Devices AD9545BCPZ Datasheet HTML 89Page - Analog Devices AD9545BCPZ Datasheet HTML 90Page - Analog Devices AD9545BCPZ Datasheet HTML 91Page - Analog Devices AD9545BCPZ Datasheet HTML 92Page - Analog Devices AD9545BCPZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 89 of 157
Because the DPLL feedback loop results in an average offset of
zero between the two inputs of the digital phase detector, tOFST
translates to the DPLL output with the polarity shown in Figure 74.
The signed nature of the DPLLx phase offset bit field means the
user can advance or delay the DPLL output signal relative to its
input. A positive value for tOFST delays the output signal relative to
the input signal. That is, the output edge occurs later. Conversely, a
negative value advances the output signal relative to the input
signal; therefore, the output edge occurs earlier.
The relationship between tOFST (seconds) and the value of the
DPLLx phase offset bit field is
DPLLx Phase Offset = tOFST
/10−12
For example, find the value of the DPLLx phase offset bit field
necessary to advance the output signal by 75 ns (that is, tOFST =
−75 ns).
DPLLx Phase Offset = (−75 × 10−9
)/10−12
= −75,000
= 0xFFFFFEDB08 (hexadecimal)
TUNING WORD OFFSET CLAMP
The DPLL contains a frequency clamp that places bounds on
the frequency range of the DPLL output. The frequency clamp
feature is beneficial for applications in which downstream
devices cannot tolerate frequencies beyond prescribed limits.
The clamp feature, as shown in Figure 75, uses the 24-bit
unsigned DPLLx freerun tuning word offset clamp bit field
(where x is 0 or 1) in Register 0x1006 to Register 0x1008 and
Register 0x1406 to Register 0x1408. The frequency clamp
feature is always active. However, the default value of the DPLLx
freerun tuning word offset clamp bit field is a maximum value,
which establishes a default frequency clamp limit of approximately
±586 kHz (for a system clock frequency of 2.4 GHz). An NCO
output frequency of 320 MHz equates to an offset of
approximately 1800 ppm (or 0.018%).
DIGITAL
PHASE
DETECTOR
N-DIVIDER
DIGITAL
LOOP
FILTER
SYSTEM
CLOCK
NUMERIC
COEFFICIENTS
NCO
LOCK
DETECTORS
FTW
PROCESSOR
DPLLx FREERUN
TUNING WORD
46
24
LOOP
CONTROLLER
XOA XOB
AD9545
TDC
TDC
DPLLx FREERUN TUNING
WORD OFFSET CLAMP
TEXT
= BIT(S) IN THE REGISTER MAP
Figure 75. Tuning Word Offset Clamp Feature
The frequency offset, fCLAMP, defines the separation between a
center frequency, f0, and the upper and lower frequency bounds
as shown in Figure 76. The Example A traces show f0 as a fixed
value over time, whereas the Example B traces show the center
frequency can assume different values over time.
FREQUENCY
TIME
f0
0
fCLAMP
fCLAMP
EXAMPLE A
EXAMPLE B
Figure 76. Example Frequency Clamp Plot
The center frequency (f0) for the frequency clamp feature has
three possible sources. One source is the DPLLx freerun tuning
word bit field (where x is 0 or 1). This source is in effect when
DPLLx force freerun = 1 (where x is 0 or 1) in Bit D0 of Register
0x2105 and Register 0x2205.
The second source of f0 is the DPLL loop filter. This source is in
effect when the tuning word history feature is either inactive or is
active but has not had sufficient time to produce a valid result.
The final source of f0 is the output of the tuning word history block
(see the Tuning Word History section). This source is in effect
when the tuning word history feature is active and the tuning
word history block has had sufficient time to produce a valid result.
Switching between DPLL operating modes (freerun to active to
holdover, for example) results in different sources of f0; therefore,
the frequency clamp function tends to behave like Example B in
Figure 76.
The relationship between fCLAMP, the system clock frequency (fS),
and the value of the DPLLx freerun tuning word offset clamp
bit field is as follows:
fCLAMP
= DPLLx Freerun Tuning word Offset Clamp × (fS/236)
For example, assume a system clock frequency of 2.4 GHz and a
desired frequency offset clamp limit of ±10 kHz (that is fCLAMP =
104). Solving the fCLAMP equation for the DPLLx freerun tuning
word offset clamp bit field, DPLLx FTWOC, yields
DPLLx FTWOC = 236 × fCLAMP/fS
(20)
= 236 × 104/(2.4 × 109)
= 286,331 (nearest integer)
= 0x045E7B (hexadecimal)
In some cases, it is more useful to specify fCLAMP as a fractional
offset of the NCO output frequency (in percent or parts per
million, for example).
Assume a system clock frequency of 2.4 GHz, an NCO output
frequency of 250 MHz and a desired frequency offset clamp
limit of 25 ppm (25 × 10−6). Solve for fCLAMP as
fCLAMP = 25 × 10−6 × 250 MHz
= 6250 Hz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com