| Electronic Components Datasheet Search |
|
AD9545BCPZ Datasheet(PDF) 97 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9545BCPZ Datasheet(HTML) 97 Page - Analog Devices |
|
97 / 157 page ![]() Data Sheet AD9545 Rev. A | Page 97 of 157 CASCADED DPLL CONFIGURATION The cascaded DPLL configuration is used to lock both DPLLs to the same reference source, yet have both DPLLs remain phase locked, even if all reference sources are lost. To understand cascaded configuraions, first consider device operation without cascaded capability, as shown in Figure 79. As a prerequisite, the reader must be familiar with the Translation Profiles section and the Reference Switching section. Note that Figure 79 and Figure 80 show simplistic diagrams of the DPLL showing a phase buildout configuration, but the zero delay (hitless) configuration is valid as well. The far left side of Figure 79 shows two valid reference sources with DPLL0 and DPLL1 using Translation Profile 0.a and Translation Profile 1.z, respectively, assigned to Reference Source 1. Therefore, both DPLLs lock to a common reference as desired. The middle portion of Figure 79 shows the result of losing Reference Source 1. The loss of Reference Source 1 results in both DPLLs independently searching for a new reference source, assuming automatic reference switching is in effect (see the Reference Switching section). Presumably, the user has defined translation profiles in such a way that DPLL0 finds Translation Profile 0.b and DPLL1 finds Translation Profile 1.y with both profiles assigning the same valid reference source (Reference Source 2, in this example). As such, both DPLLs again lock to a common reference as desired. The far right hand side of Figure 79 shows the result of losing Reference Source 2, leaving no valid reference sources. In this case, both DPLLs have no recourse but to switch to holdover or freerun mode. However, because the DPLLs may not have exactly the same FTW in effect when they switch to holdover or freerun mode, their outputs are no longer phase locked, which breaks the original requirement that both DPLLs remain phase locked when all reference sources are lost. The cascaded configuration provides a solution to this problem. DIGITAL CROSS POINT MUX TDC 2 REFERENCE SOURCES TO APLL 0 PFD LF NCO N DPLL 0 PFD LF NCO N DPLL 1 TO APLL 1 REFERENCE SOURCE 1 LOST TO APLL 0 NCO NCO TO APLL 1 FTW FTW TRANSLATION PROFILE 0.a TRANSLATION PROFILE 1.z TO APLL 0 PFD LF NCO N DPLL 0 PFD LF NCO N DPLL 1 DPLL 0 DPLL 1 TO APLL 1 TRANSLATION PROFILE0.b TRANSLATION PROFILE 1.y ALL REFERENCE SOURCES LOST DIGITAL CROSS POINT MUX DIGITAL CROSS POINT MUX BOTH DPLLS SWITCH TO HOLDOVER/FREERUN TRANSL ATION PROFILE 0.a AND TRANSL ATION PROFILE 1.z ASSIGN REFERENCE SOURCE 1 TRANSL ATION PROFILE 0.b AND TRANSLATION PROFILE 1.y ASSIGN REFERENCE SOURCE 2 TDC 2 REFERENCE SOURCES TDC 1 Figure 79. Non-Cascaded DPLL Operation |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |