Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9545BCPZ Datasheet(PDF) 9 Page - Analog Devices

Part # AD9545BCPZ
Description  Quad Input, 10-Output, Dual DPLL/IEEE 1588 1 pps Synchronizer and Jitter Cleaner
PDF  157 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9545BCPZ Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9545BCPZ Datasheet HTML 5Page - Analog Devices AD9545BCPZ Datasheet HTML 6Page - Analog Devices AD9545BCPZ Datasheet HTML 7Page - Analog Devices AD9545BCPZ Datasheet HTML 8Page - Analog Devices AD9545BCPZ Datasheet HTML 9Page - Analog Devices AD9545BCPZ Datasheet HTML 10Page - Analog Devices AD9545BCPZ Datasheet HTML 11Page - Analog Devices AD9545BCPZ Datasheet HTML 12Page - Analog Devices AD9545BCPZ Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 157 page
background image
Data Sheet
AD9545
Rev. A | Page 9 of 157
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Incremental Power Dissipation
Complete DPLL/APLL On/Off
200
mW
Based on the Typical Configuration specification; the values in
this section indicate the change in power due to the indicated
operation relative to the Typical Configuration specification;
the blocks, when powered down, consist of one reference input,
one DPLL, one APLL, two channel dividers, and two output
drivers
Input Reference On/Off
Differential (AC-Coupled Mode)
20
mW
fREF = 19.44 MHz (see Figure 29)
Differential (DC-Coupled Mode)
21
mW
fREF = 19.44 MHz (see Figure 30)
Single-Ended
13
mW
fREF = 19.44 MHz
Output Distribution Driver On/Off
At 156.25 MHz
15 mA Mode
30
mW
12 mA Mode
23
mW
7.5 mA Mode
15
mW
Auxiliary DPLL On/Off
1
mW
Auxiliary Numerically Controlled
Oscillator (NCO) to Mx Pin On/Off
1
mW
Fundamental set to 50 kHz
Auxiliary Time-To-Digital Converters
(TDC) Input from Mx Pin On/Off
1
mW
Input frequency = 10 MHz, auxiliary TDC rate = 200 kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com