Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 40 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 40 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 36Page - Analog Devices LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 80 page
background image
LTC6952
40
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
160Ω
160Ω
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
0.1µF
75Ω
30Ω
160Ω
160Ω
150Ω
150Ω
150Ω
150Ω
160Ω
0.1µF
0.1µF
62.5Ω
RSER
1µF
1µF
LTC6952
CML
AC-COUPLED DIFFERENTIAL CML
LTC6952
LVDS
AC-COUPLED DIFFERENTIAL LVDS
LTC6952
LVPECL
AC-COUPLED DIFFERENTIAL LVPECL
6952 F26
Z0
Z0
Z0
Z0
Z0
Z0
VCO+
VCO–
LTC6952
RF OSCILLATOR
50Ω
OUTPUT
Z0
AC-COUPLED RF SINE WAVE OSCILLATOR
LTC6952
CML
DC-COUPLED DIFFERENTIAL CML*
VCO–
VCO+
LTC6952
LVPECL
DC-COUPLED DIFFERENTIAL LVPECL*
Z0
Z0
Z0
Z0
VCO–
VCO+
VCO+
VCO–
VCO+
VCO–
VCO+
VCO–
* Output common mode levels of DC coupled drivers
must be within the min and max VCO input common
mode levels specified in the Electrical Characteristics.
VCO–
VCO+
LTC6952
CMOS
SINGLE-ENDED CMOS
Z0
RSER
VCMOS
3.3V
1.8V
100Ω
30Ω
–
+
–
+
–
+
–
+
–
+
Figure 26. Common VCO Input Interface Configurations. All Z0 Signal Traces are 50Ω Transmisson Lines



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com