Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 44 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 44 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices LTC6952 Datasheet HTML 46Page - Analog Devices LTC6952 Datasheet HTML 47Page - Analog Devices LTC6952 Datasheet HTML 48Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 80 page
background image
LTC6952
44
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Determining Output Digital Delay Values
The output digital delay is used to control phase relation-
ships between outputs. The minimum delay step is ½
of a period of the incoming VCO signal. For this design
example, the digital delay is used to place each device’s
SYSREF signal edges into a known phase relationship to its
corresponding device clock, optimized for the set-up (tS)
and hold time (th) requirements for that device. Assume
that the optimum SYSREF edge location for each device
occurs on the first falling clock edge before the desired
SYSREF valid rising clock edge. In other words, SYSREF
should change states ½ of a corresponding device clock
period before the SYSREF valid device clock edge. Refer
to Figure 29 for a visual example.
DEVICE CLOCK
SYSREF
6952 F29
SYSREF
TRANSITION
TARGET RANGE
DESIRED SYSREF
VALID CLOCK EDGE
tH
tS
Figure 29. SYSREF Edge Timing Example
In order to calculate each output’s digital delay value for
this design example, use the following procedure:
1. Delay all of the JESD204B device clocks by half of a
period of the slowest JESD204B device clock. This
delay setting is equal to the divide value of the slowest
device clock because a one code digital delay equals
half of a VCO cycle. Non-JESD204B clocks (such as
the FPGA management clock) are not included in
this calculation. This delay value defines the desired
SYSREF valid clock edge. In this example, the slowest
JESD204B clock is the FPGA device clock:
DDELSYSvalid = MFPGACLK = 32
DDELADC-CLK = DDELSYSvalid = 32
DDELDAC-CLK = DDELSYSvalid = 32
DDELFPGA-CLK = DDELSYSvalid = 32
2. For each device clock/SYSREF pair, subtract half a
device clock period from DDELSYSvalid to find the
SYSREF delay. This is equivalent to subtracting the
corresponding divide value of the device clock, i.e.
DDELADC-SYS = DDELSYSvalid – MADC-CLK
DDELADC-SYS = 32 – 8 = 24
DDELDAC-SYS = DDELSYSvalid – MDAC-CLK
DDELDAC-SYS = 32 – 1 = 31
DDELFPGA-SYS = DDELSYSvalid – MFPGA-CLK
DDELFPGA-SYS = 32 – 32 = 0
Table 23 summarizes the DDEL settings for all outputs.
Table 23. Output DDELx Settings for EZSync Standalone Design
Example
OUTPUT
PURPOSE
DDELx
OUT0
ADC0 SYSREF
24
OUT1
ADC0 CLK
32
OUT2
ADC1 SYSREF
24
OUT3
ADC1 CLK
32
OUT4
FPGA SYSREF
0
OUT5
FPGA DEV CLK
32
OUT6
FPGA MGMT CLK
0
OUT7
DAC0 SYSREF
31
OUT8
DAC0 CLK
32
OUT9
DAC1 SYSREF
31
OUT10
DAC1 CLK
32
Now that the output divider and delays have been deter-
mined, the LTC6952 can be programmed.
Status Register Programming
This example will use the STAT pin to alert the system
whenevertheLTC6952generatesafaultcondition.Program
x[5], x[3], x[1] = 1 to force the STAT pin high whenever
any of the LOCK, VCOOK, or REFOK flags asserts:
Reg01 = h2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com