Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 60 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 60 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 56Page - Analog Devices LTC6952 Datasheet HTML 57Page - Analog Devices LTC6952 Datasheet HTML 58Page - Analog Devices LTC6952 Datasheet HTML 59Page - Analog Devices LTC6952 Datasheet HTML 60Page - Analog Devices LTC6952 Datasheet HTML 61Page - Analog Devices LTC6952 Datasheet HTML 62Page - Analog Devices LTC6952 Datasheet HTML 63Page - Analog Devices LTC6952 Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 80 page
background image
LTC6952
60
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
Determining Output Digital Delay Values
In order to calculate each parallel LTC6952 output’s delay
value for this design example, use the following procedure:
1. Delay all of the JESD204B device clocks by half of a
period of the slowest JESD204B device clock. This
delay setting is equal to the divide value of the slowest
device clock because a one code digital delay equals
half of a VCO cycle. Non-JESD204B clocks (such as
the FPGA management clock) are not included in
this calculation. This delay value defines the desired
SYSREF valid clock edge. In this example, the slowest
JESD204B clock is the FPGA device clock:
DDELSYSvalid = MFPGACLK = 20
DDELADC-CLK´ = DDELSYSvalid = 20
DDELFPGA-CLK´ = DDELSYSvalid = 20
2. For each device clock/SYSREF pair, subtract half a
device clock period from DDEL to find the SYSREF
delay. This is equivalent to subtracting the correspond-
ing divide value of the device clock, i.e.
DDELADC-SYS´ = DDELSYSvalid – MADC-CLK
DDELADC-SYS´ = 20 – 10 = 10
DDELFPGA-SYS´ = DDELSYSvalid – MFPGA-CLK
DDELFPGA-SYS´ = 20 – 20 = 0
3. Although not usually required, the outputs can be
aligned to the incoming reference. To achieve this, ad-
ditional digital delay is added to each parallel LTC6952
output to align it with the next reference edge. This
delay can be calculated by Equation 18:
DDELREF-OS = 2 • N • CEILING(16/(2•N)) – 16
(18)
where CEILING() means round up to the nearest integer.
Remembering that the N value was previously calculated
to be 24, the result of this equation is 32. Add 32 to all of
the parallel LTC6952s DDEL values if reference alignment
is desired. For this example, reference alignment is not
necessary.
Even though OUT1 and OUT3 on the reference LTC6953
are only passing through the SYNC/SRQ pulse, their digital
delays should be set so that its edges occur on the falling
edge of their corresponding reference clocks. This is to
ensure that the EZS_SRQ signals into the parallel ICs have
a proper setup and hold time relationship to the reference
clock. Since the reference LTC6953 has its reference clock
output dividers set to 2 and DDEL set to 0, the passthrough
output DDELs should be set to 2 based on Table 18.
All of the calculated digital delay values are shown in
Table 32.
Table 32. Output DDELx Settings for ParallelSync Example
IC
OUTPUT
PURPOSE
DDELx
OUT0
LTC6952 #1 REF
0
OUT1
LTC6952 #1 EZS-SRQ
2
OUT2
LTC6952 #2 REF
0
OUT3
LTC6952 #2 EZS-SRQ
2
OUT4-10
Unused
N/A
OUT0
Unused
N/A
OUT1
ADC0 SYSREF
10
OUT2
ADC0 CLK
20
OUT3
ADC1 SYSREF
10
OUT4
ADC1 CLK
20
OUT5
ADC2 SYSREF
10
OUT6
ADC2 CLK
20
OUT7
ADC3 SYSREF
10
OUT8
ADC3 CLK
20
OUT9
Unused
N/A
OUT10
FPGA MGMT CLK
0
OUT0
Unused
N/A
OUT1
FPGA SYSREF
0
OUT2
FPGA DEV CLK
20
OUT3
ADC4 SYSREF
10
OUT4
ADC4 CLK
20
OUT5
ADC5 SYSREF
10
OUT6
ADC5 CLK
20
OUT7
ADC6 SYSREF
10
OUT8
ADC6 CLK
20
OUT9
ADC7 SYSREF
10
OUT10
ADC7 CLK
20
Now that the output divider and delays have been deter-
mined, the ICs can be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com