Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 41 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 41 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 37Page - Analog Devices LTC6952 Datasheet HTML 38Page - Analog Devices LTC6952 Datasheet HTML 39Page - Analog Devices LTC6952 Datasheet HTML 40Page - Analog Devices LTC6952 Datasheet HTML 41Page - Analog Devices LTC6952 Datasheet HTML 42Page - Analog Devices LTC6952 Datasheet HTML 43Page - Analog Devices LTC6952 Datasheet HTML 44Page - Analog Devices LTC6952 Datasheet HTML 45Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 80 page
background image
LTC6952
41
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
EZS_SRQ INPUT
The LTC6952’s EZS_SRQ input buffer, shown in Figure 9,
controls synchronization requests and SYSREF requests.
All connections must be DC-coupled and can be either
differential CML or LVPECL, differential LVDS with a level-
shifting network, or single-ended 1.8V to 3.3V CMOS into
the EZS_SRQ+ input pin (EZS_SRQ– must be grounded
for CMOS drive). Figure 27 shows the recommended
interface types.
JESD204B DESIGN EXAMPLE USING EZSync
STANDALONE
This design example consists of a system of two JESD204B
analog-to-digital converters (ADCs), two JESD204B digital-
to-analog converters (DACs), and a JESD204B compatible
FPGA. All of the data converters (ADCs and DACs) and
the FPGA require JESD204B subclass 1 device clocks and
SYSREFs, and the FPGA requires an extra management
750Ω
50Ω
50Ω
100Ω
100Ω
100Ω
130Ω
130Ω
100Ω
150Ω
150Ω
DC-COUPLED DIFFERENTIAL LVDS
LTC6952
LVDS
6952 F27
Z0
Z0
LTC6952
CML
DC-COUPLED DIFFERENTIAL CML*
LTC6952
1.8V to 3.3V
CMOS
1.8V to 3.3V CMOS
Z0
Z0
3.3V
LTC6952
LVPECL
DC-COUPLED DIFFERENTIAL LVPECL*
Z0
Z0
* Output common mode levels of differential drivers must be
within the min and max EZS_SRQ input common mode levels
specified in the Electrical Characteristics.
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
–
+
–
+
–
+
Figure 27. Common EZS_SRQ Input Interface Configurations. All Z0 Signal Traces are 50Ω Transmisson Lines
clock. Additionally, the ADCs require a low noise clock of
less than 100fs total RMS jitter. This leads to a total of 11
separate signals to generate, with frequencies listed below.
For this example, the SYSREF frequencies for all devices
are the same and should output four pulses upon a SYSREF
request rising edge:
fADC-CLK = 500MHz
fDAC-CLK = 4000MHz
fFPGA-CLK = 125MHz
fFPGA-MGMT = 100MHz
fSYSREF = 12.5MHz
Since the total number of outputs is 11, a single LTC6952
can be used to generate all of the outputs needed as
shown in Figure 28. Note that termination resistors and
AC coupling caps are not shown for clarity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com