Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 70 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 70 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 66Page - Analog Devices LTC6952 Datasheet HTML 67Page - Analog Devices LTC6952 Datasheet HTML 68Page - Analog Devices LTC6952 Datasheet HTML 69Page - Analog Devices LTC6952 Datasheet HTML 70Page - Analog Devices LTC6952 Datasheet HTML 71Page - Analog Devices LTC6952 Datasheet HTML 72Page - Analog Devices LTC6952 Datasheet HTML 73Page - Analog Devices LTC6952 Datasheet HTML 74Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 80 page
background image
LTC6952
70
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
APPLICATIONS INFORMATION
terminating impedance results in a portion of the signal
reflecting back toward the other end of the transmission
line. In the extreme case of an open or short circuit termina-
tion, all of the signal is reflected back. This signal reflection
leads to overshoot and ringing on the waveform. Figure 46
shows the preferred method of far-end termination of the
transmission line.
6952 F46
100Ω
ZO
ZO
Figure 46. Far-End Transmission Line Termination (Z0 = 50Ω)
USING THE LTC6952 TO DRIVE DEVICE CLOCK
INPUTS
The LTC6952’s CML outputs are designed to interface with
standard CML or LVPECL devices while driving transmis-
sion lines with far-end termination. Figure 47 shows DC
coupled and AC coupled output configurations for the CML
outputs. Note that some receiver devices have the 100Ω
termination resistor internal to the part, in which case the
external 100Ω resistor is unnecessary.
6952 F47
LTC6952
LTC6952
100Ω
ADC, DAC,
OR FPGA
ADC, DAC,
OR FPGA
OUTx+
OUTx–
ZO
ZO
100Ω
OUTx+
OUTx–
CLK+
CLK–
CLK+
CLK–
ZO
ZO
DEVICES THAT
CAN ACCEPT A
2.3V COMMON
MODE SIGNAL
AC-COUPLED INTO
LVDS OR DEVICES
REQUIRING A SELF-
BIASED INPUT
Figure 47. OUTx CML Connections to
Device Clock Inputs (Z0 = 50Ω)
USING THE LTC6952 TO DRIVE DC COUPLED SYSREF
INPUTS
For JESD204B applications, the SYSREF signal would
ideally be DC coupled from the LTC6952 to the data con-
verter or FPGA as shown in Figure 48. This is possible for
receiver devices that can accept a 2.3V common mode
input signal. Note that some receiver devices have the
100Ω termination resistor internal to the part, in which
case the external 100Ω resistor is unnecessary.
100Ω
OUTx+
OUTx–
6952 F48
LTC6952
Z0
Z0
ADC,DAC,
or FPGA
DEVICES THAT CAN
ACCEPT A 2.3V
COMMON MODE
SIGNAL
SYSREF+
SYSREF–
Figure 48. OUTx CML DC Coupled Connections to SYSREF Inputs
Use the following procedure to achieve correct JESD204B
SYSREF behavior for DC coupled SYSREFs in any mode.
These methods assume that the SYSREF outputs have
already been synchronized and that the SYSREF output
drivers have been disabled for power savings (PDx = 2).
DC Coupled SYSREFs (MODEx = 0, 1, or 3)
1. Enable the LTC6952 SYSREF output drivers by setting
PDx = 0 and set SRQMD = 1.
2. Set the receiver device to accept SYSREFs.
3. Set SSRQ or the EZS_SRQ inputs to “1” for at least
1ms, then set back to “0”.
4. After the SYSREFs have been accepted by the receiver
device, set the device to stop accepting SYSREFs.
5. Disable the LTC6952 SYSREF output drivers by setting
PDx = 2 and set SRQMD = 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com