Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6952 Datasheet(PDF) 27 Page - Analog Devices

Part # LTC6952
Description  Ultralow Jitter, 4.5GHz PLL with 11 Outputs and JESD204B Support
PDF  80 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6952 Datasheet(HTML) 27 Page - Analog Devices

Back Button LTC6952 Datasheet HTML 23Page - Analog Devices LTC6952 Datasheet HTML 24Page - Analog Devices LTC6952 Datasheet HTML 25Page - Analog Devices LTC6952 Datasheet HTML 26Page - Analog Devices LTC6952 Datasheet HTML 27Page - Analog Devices LTC6952 Datasheet HTML 28Page - Analog Devices LTC6952 Datasheet HTML 29Page - Analog Devices LTC6952 Datasheet HTML 30Page - Analog Devices LTC6952 Datasheet HTML 31Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 80 page
background image
LTC6952
27
6952f
For more information www.analog.com
Preliminary Technical Data
Advance Product Information Subject to Change
Rev PrA
OPERATION
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
160Ω
100Ω
100Ω
OUTx±
EZS_SRQ+
VCO+
REF±
OUT0+
OUT1+
EZS_SRQ+
EZS_SRQ–
OUT10+
OUT2+
OUT3+
OUT4+
OUT5+
OUT6+
OUT7+
OUT8+
OUT9+
LTC6953 or LTC6952
#1
11 OUTPUTS
CP
LF(s)
VCO±
VCO
REF
LTC6952
EZSYNC
CONTROLLER
OUT0–
VCO–
LTC6953 or LTC6952
#2
OUT1–
OUTx±
VCO+
LTC6953 or LTC6952
#3
11 OUTPUTS
VCO–
LTC6953 or LTC6952
#4
OUT2–
OUT3–
OUTx±
VCO+
11 OUTPUTS
VCO–
OUTx±
VCO+
11 OUTPUTS
VCO–
OUT4–
OUT5–
OUT6–
OUT7–
OUTx±
VCO+
11 OUTPUTS
VCO–
LTC6953 or LTC6952
#5
OUT10–
OUT8–
OUT9–
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
EZS_SRQ+
EZS_SRQ–
FOLLOWER-SYNCHRONOUS OUTPUT
ALL CONTROLLER TO FOLLOWER
CONNECTIONS MUST BE DC COUPLED
CONTROLLER
FOLLOWERS
6952 F12
SYNC OR
SYSREF
REQUEST:
TOGGLE PIN
OR WRITE
SSRQ BIT
REF±
CP
OUTx±
EZS_SRQ±
LF(s)
VCO±
LTC6952
#1
REF±
CP
OUTx±
EZS_SRQ±
LF(s)
VCO±
LTC6952
#2
REF±
CP
OUTx±
EZS_SRQ±
VCO±
LTC6952
#3
REF±
CP
OUTx±
EZS_SRQ±
VCO±
LTC6952
#N
LF(s)
LF(s)
11 OUTPUTS
11 OUTPUTS
11 OUTPUTS
11 OUTPUTS
VCO
VCO
VCO
VCO
REFERENCE
DISTRIBUTION
EZS_SRQ
DISTRIBUTION
REFERENCE MAY BE
SINGLE-ENDED OR DIFFERENTIAL
EZS_SRQ MAY BE
SINGLE-ENDED OR DIFFERENTIAL
6952 F13
Figure 12. EZSync Multi-Chip Synchronization
with Request Passthrough
Figure 13. ParallelSync Multi-Chip Synchronization
For all cases of EZSync synchronization, the CONTROL-
LER must be programmed to output seven pre-pulses to
each FOLLOWER before the FOLLOWER outputs or any
follower-synchronous CONTROLLER outputs start clock-
ing. Additionally, a CONTROLLER must have bit EZMD set
to “0” and a FOLLOWER must have both EZMD and PDPLL
set to “1”. See the Applications Information section for a
programming example. Additionally, the LTC6952Wizard
provides programming guidance.
ParallelSync
In a ParallelSync application, multiple ParallelSync compat-
ible devices are connected in parallel with a shared distrib-
uted REF signal as shown in Figure 13. The advantage of
parallel connection is improved jitter performance, as the
clock signals do not propagate through two or more cas-
caded devices. However, synchronization requires tighter
control of the SYNC and SYSREF request (SRQ) signals’
timing because of the need to have the SYNC/SRQ edges
fall within the same REF cycle for all connected devices.
See Reference Signal and EZS_SRQ Timing for PARSYNC
Mode in the Applications Information section for the timing
requirements of EZS_SRQ to REF in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com