Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 29 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 25Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 26Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 27Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 28Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 29Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 30Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 31Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 32Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 124 page
background image
Program Map
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
29
Preliminary
4.3 Program Map
The Program Memory map is shown in Table 4-3.
Timer
38
0-2
P:$4C
Timer Channel 2
Timer
39
0-2
P:$4E
Timer Channel 3
ADC
40
0-2
P:$50
ADCA Conversion Complete
ADC
41
0-2
P:$52
ADCB Conversion Complete
ADC
42
0-2
P:$54
ADC Zero Crossing or Limit Error
PWM
43
0-2
P:$56
Reload PWM
PWM
44
0-2
P:$58
PWM Fault
SWILP
45
-1
P:$5A
SW Interrupt Low Priority
1. Two words are allocated for each entry in the vector table. This does not allow the full address range to be referenced
from the vector table, providing only 19 bits of address.
2. If the VBA is set to $0000, the first two locations of the vector table will overlay the chip reset addresses.
Table 4-3 Program Memory Map1
1. All addresses are 16-bit Word addresses.
Begin/End Address
Memory Allocation
P: $FF FFFF
P: $00 8800
RESERVED
P: $00 87FF
P: $00 8000
On-Chip RAM2
4KB
2. This RAM is shared with Data space starting at address X: $00 0000;
see Figure 4-1.
P: $00 7FFF
P: $00 2000
RESERVED
P: $00 1FFF
P: $00 0000
Internal Program Flash
16KB
Cop Reset Address = $00 0002
Boot Location = $00 0000
Table 4-2 Interrupt Vector Table Contents1 (Continued)
Peripheral
Vector
Number
Priority
Level
Vector Base
Address +
Interrupt Function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com