Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 79Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 80Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 81Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 82Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 83Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 84Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 85Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 86Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Flash Access Lock and Unlock Mechanisms
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
83
Preliminary
To start the lockout recovery sequence, the JTAG public instruction (LOCKOUT_RECOVERY) must
first
be
shifted
into
the
chip-level
TAP
controller’s
instruction
register.
Once
the
LOCKOUT_RECOVERY instruction has been shifted into the instruction register, the clock divider value
must be shifted into the corresponding 7-bit data register. After the data register has been updated, the user
must transition the TAP controller into the RUN-TEST/IDLE state for the lockout sequence to commence.
The controller must remain in this state until the erase sequence has completed. Refer to the 56F8000
Peripheral Reference Manual for more details, or contact Freescale.
Note:
Once the lockout recovery sequence has completed, the user must reset both the JTAG TAP controller
(by advancing the TAP state machine to the reset state) and the 56F8014 (by asserting external chip
reset) to return to normal unsecured operation.
7.2.3
Flash Lockout Recovery using CodeWarrior
CodeWarrior can unlock a device using the command sequence described in Section 7.2.2 by selecting the
Debug menu, then selecting DSP56800E, followed by Unlock Flash.
Another mechanism is also built into CodeWarrior using the device’s memory configuration file. The
command “Unlock_Flash_on_Connect1” in the .cfg file accomplishes the same task as using the Debug
menu.
7.2.4
Product Analysis
The recommended method of unsecuring a programmed 56F8014 for product analysis of field failures is
via the backdoor key access. The customer would need to supply Technical Support with the backdoor key
and the protocol to access the backdoor routine in the Flash. Additionally, the KEYEN bit that allows
backdoor key access must be set.
An alternative method for performing analysis on a secured microcontroller would be to mass-erase and
reprogram the Flash with the original code, but modify the security bytes.
To insure that a customer does not inadvertently lock himself out of the 56F8014 during programming, it
is recommended that the user program the backdoor access key first, the application code second and the
security bytes within the FM configuration field last.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com