Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 12Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 13Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 14Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 15Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 16Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 17Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 18Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 19Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 124 page
background image
56F8014 Technical Data, Rev. 3
16
Freescale Semiconductor
Preliminary
Table 2-3 56F8014 Signal and Package Information for the 32-Pin LQFP
Signal
Name
LQFP
Pin No.
Type
State During
Reset
Signal Description
VDD_IO
25
Supply
Supply
I/O Power — This pin supplies 3.3V power to the chip I/O interface.
VSS_IO
14
Supply
Supply
VSS — These pins provide ground for chip logic and I/O drivers.
VSS_IO
26
VDDA
8
Supply
Supply
ADC Power — This pin supplies 3.3V power to the ADC modules. It
must be connected to a clean analog power supply.
VSSA
9
Supply
Supply
ADC Analog Ground — This pin supplies an analog ground to the
ADC modules.
VCAP
24
Supply
Supply
VCAP — Connect this pin to a 4.4µF or greater bypass capacitor in
order to bypass the core voltage regulator, required for proper chip
operation. See Section 10.2.1.
GPIOB6
(RXD)
(SDA1)
(CLKIN)
32
Input/
Output
Input
Input/
Output
Input
Input, pulled
high
internally
Port B GPIO — This GPIO pin can be individually programmed as
an input or output pin.
Receive Data — SCI receive data input.
Serial Data — This pin serves as the I2C serial data line.
Clock Input — This pin serves as an optional external clock input.
After reset, the default state is GPIOB6. The peripheral functionality
is controlled via the SIM (See Section 6.3.8) and the CLKMODE bit
of the OCCS Oscillator Control Register.
1. This signal is also brought out on the GPIOB1 pin.
Return to Table 2-2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com