Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 57 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 57 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 53Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 54Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 55Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 56Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 57Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 58Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 59Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 60Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 61Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 124 page
background image
Register Descriptions
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
57
Preliminary
5.6.10
Fast Interrupt 1 Match Register (FIM1)
Figure 5-12 Fast Interrupt 1 Match Register (FIM1)
5.6.10.1
Reserved—Bits 15–6
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
5.6.10.2
Fast Interrupt 1 Vector Number (FAST INTERRUPT 1)—Bits 5–0
These values determine which IRQ will be Fast Interrupt 1. Fast Interrupts vector directly to a service
routine based on values in the Fast Interrupt Vector Address registers without having to go to a jump table
first. IRQs used as Fast Interrupts must be set to priority level 2. Unexpected results will occur if a Fast
Interrupt vector is set to any other priority. A Fast Interrupt automatically becomes the highest-priority
level 2 interrupt regardless of its location in the interrupt table prior to being declared as Fast Interrupt.
Fast Interrupt 0 has priority over Fast Interrupt 1. To determine the vector number of each IRQ, refer to
the vector table.
5.6.11
Fast Interrupt 1 Vector Address Low Register (FIVAL1)
Figure 5-13 Fast Interrupt 1 Vector Address Low Register (FIVAL1)
5.6.11.1
Fast Interrupt 1 Vector Address Low (FIVAL1)—Bits 15–0
The lower 16 bits of the vector address used for Fast Interrupt 1. This register is combined with FIVAH1
to form the 21-bit vector address for Fast Interrupt 1 defined in the FIM1 register.
5.6.12
Fast Interrupt 1 Vector Address High Register (FIVAH1)
Figure 5-14 Fast Interrupt 1 Vector Address High Register (FIVAH1)
5.6.12.1
Reserved—Bits 15–5
This bit field is reserved or not implemented. It is read as 0 and cannot be modified by writing.
Base + $9
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 1
Write
RESET
00000000
00000000
Base + $A
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
FAST INTERRUPT 1 VECTOR ADDRESS LOW
Write
RESET
00000000
00000000
Base + $B
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Read
0
0
0
0
0
0
0
0
0
0
0
FAST INTERRUPT 1 VECTOR
ADDRESS HIGH
Write
RESET
00000000
00000000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com