Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F8014 Datasheet(PDF) 61 Page - Freescale Semiconductor, Inc

Part # 56F8014
Description  16-bit Digital Signal Controllers
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F8014 Datasheet(HTML) 61 Page - Freescale Semiconductor, Inc

Back Button 56F8014 Datasheet HTML 57Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 58Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 59Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 60Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 61Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 62Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 63Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 64Page - Freescale Semiconductor, Inc 56F8014 Datasheet HTML 65Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 124 page
background image
Resets
56F8014 Technical Data, Rev. 3
Freescale Semiconductor
61
Preliminary
5.7 Resets
5.7.1
General
5.7.2
Description of Reset Operation
5.7.2.1
Reset Handshake Timing
The ITCN provides the 56800E core with a reset vector address on the VAB pins whenever RESET is
asserted from the SIM. The reset vector will be presented until the second rising clock edge after RESET
is released. The general timing is shown in Figure 5-19 .
Figure 5-19 Reset Interface
5.7.3
ITCN After Reset
After reset, all of the ITCN registers are in their default states. This means all interrupts are disabled,
except the core IRQs with fixed priorities:
•
Illegal Instruction
•
SW Interrupt 3
•
HW Stack Overflow
•
Misaligned Long Word Access
•
SW Interrupt 2
•
SW Interrupt 1
•
SW Interrupt 0
•
SW Interrupt LP
These interrupts are enabled at their fixed priority levels.
Table 5-4 Reset Summary
Reset
Priority
Source
Characteristics
Core Reset
RST
Core reset from the SIM
RES
CLK
VAB
PAB
RESET_VECTOR_ADR
READ_ADR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com