Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 25 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 25 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 21Page - OKI electronic componets MSM66577 Datasheet HTML 22Page - OKI electronic componets MSM66577 Datasheet HTML 23Page - OKI electronic componets MSM66577 Datasheet HTML 24Page - OKI electronic componets MSM66577 Datasheet HTML 25Page - OKI electronic componets MSM66577 Datasheet HTML 26Page - OKI electronic componets MSM66577 Datasheet HTML 27Page - OKI electronic componets MSM66577 Datasheet HTML 28Page - OKI electronic componets MSM66577 Datasheet HTML 29Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
25/34
External data memory control
MSM66577L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577LY (V
DD = 3.0 to 3.6 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Max.
Unit
Cycle time
t
cyc
f
OSC = 14 MHz
71.4
Clock pulse width (HIGH level)
tφWH
28
Clock pulse width (LOW level)
tφWL
28
ALE pulse width
t
AW
2 t
φ – 15
RD pulse width
t
RW
2 t
φ – 40
WR pulse width
t
WW
2 t
φ – 40
RD pulse delay time
t
RAD
t
φ – 6
WR pulse delay time
t
WAD
t
φ – 6
Low address setup time
t
ALS
2 t
φ – 25
Low address hold time
t
ALH
t
φ – 6
High address setup time
t
AHS
3 t
φ – 45
High address hold time
t
AHH
t
φ – 6
Read data setup time
t
RS
75
Read data hold time
t
RH
0t
φ – 6
Write data setup time
t
WS
2t
φ – 55
Write data hold time
t
WH
C
L = 50 pF
t
φ – 6
ns
Note: t
φ = t
cyc/2
t
cyc
DIN0 to 7
RAP8 to 19
A
tφ
WH
CPUCLK
RD
A8 to A19
AD0 to AD7
ALE
RAP0 to 7
DOUT0 to 7
WR
A8 to A19
AD0 to AD7
RAP0 to 7
Bus timing during no wait cycle time
RAP8 to 19
tφ
WL
t
AW
t
RAD
t
RW
t
ALS
t
ALH
t
RS
t
RH
t
AHH
t
AHS
t
WAD
t
WW
t
WH
t
WS
t
ALS
t
ALH
t
AHH
t
AHS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com