Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 32 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 32 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 26Page - OKI electronic componets MSM66577 Datasheet HTML 27Page - OKI electronic componets MSM66577 Datasheet HTML 28Page - OKI electronic componets MSM66577 Datasheet HTML 29Page - OKI electronic componets MSM66577 Datasheet HTML 30Page - OKI electronic componets MSM66577 Datasheet HTML 31Page - OKI electronic componets MSM66577 Datasheet HTML 32Page - OKI electronic componets MSM66577 Datasheet HTML 33Page - OKI electronic componets MSM66577 Datasheet HTML 34Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
32/34
D/A Converter Characteristics
MSM66577/Q577 (V
DD = 4.5 to 5.5 V, Ta = –30 to +70°C)
MSM66577L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577LY (V
DD = 3.0 to 3.6 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
8
Bit
Linearity error
E
L
——
±1
Absolute precision
——
±2
LSB
Conversion time
t
CONV
C
L = 50 pF
20
50
µs
Analog output impedance
20
k
Definition of Terminology
1. Resolution
Resolution is the value of minimum discernible analog output.
With 8 bits, since 2
8 = 256, resolution of (V
DD – GND) ÷ 256 is possible.
2. Linearity error
Linearity error is the difference between ideal conversion characteristics and actual conversion characteristics of
an 8-bit D/A converter.
Ideal conversion characteristics can be obtained by dividing the voltage between V
DD and GND into 256 equal
steps.
3. Differential linearity error
Differential linearity error indicates the smoothness of conversion characteristics. Ideally, the range of analog
input voltage that corresponds to 1 converted bit of digital input is 1LSB = (V
DD – GND) ÷ 256. Differential error
is the difference between this ideal bit size and bit size of an arbitrary point in the conversion range.
4. Absolute precision
Absolute precision is a gross error including a linearity error and the effect of noise.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com