Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 11 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 11 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 7Page - OKI electronic componets MSM66577 Datasheet HTML 8Page - OKI electronic componets MSM66577 Datasheet HTML 9Page - OKI electronic componets MSM66577 Datasheet HTML 10Page - OKI electronic componets MSM66577 Datasheet HTML 11Page - OKI electronic componets MSM66577 Datasheet HTML 12Page - OKI electronic componets MSM66577 Datasheet HTML 13Page - OKI electronic componets MSM66577 Datasheet HTML 14Page - OKI electronic componets MSM66577 Datasheet HTML 15Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
11/34
ALLOWABLE OUTPUT CURRENT VALUES
MSM66577/Q577 (V
DD = 4.5 to 5.5 V, Ta = –30 to +70°C)
MSM66577L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577LY (V
DD = 3.0 to 3.6 V, Ta = –30 to +70°C)
Parameter
Pin
Symbol
Min.
Typ.
Max.
Unit
“H” output pin (1 pin)
All output pins
I
OH
——
–2
“H” output pins (sum total)
Sum total of all output pins
∑I
OH
–40
P0, P3, P11
10
“L” output pin (1 pin)
Other ports
I
OL
——
5
Sum total of P0, P3, P11
80
Sum total of P1, P2, P4
Sum total of P5, P6, P9
Sum total of P7, P8, P10, P14, P15
50
“L” output pins (sum total)
Sum total of all output pins
∑I
OL
——
140
mA
[Note]
Each of the family devices has unique pattern routes for the internal power and ground. Connect the
power supply voltage to all V
DD pins and the ground potential to all GND pins. If a device may have one
or more V
DD or GND pins to which the power supply voltage or the ground potential is not connected, it
can not be guaranteed for normal operation.
INTERNAL FLASH ROM PROGRAMMING CONDITIONS
Parameter
Symbol
Condition
Rating
Unit
MSM66Q577
4.5 to 5.5
Supply Voltage
V
DD
MSM66Q577LY
3.0 to 3.6
V
During Read
-30 to +70
Ambient Temperature
Ta
During Programming
+0 to +50
°C
Endurance
CEP
100
Cycles
Blocks size
128
bytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com