Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 30 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 30 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 26Page - OKI electronic componets MSM66577 Datasheet HTML 27Page - OKI electronic componets MSM66577 Datasheet HTML 28Page - OKI electronic componets MSM66577 Datasheet HTML 29Page - OKI electronic componets MSM66577 Datasheet HTML 30Page - OKI electronic componets MSM66577 Datasheet HTML 31Page - OKI electronic componets MSM66577 Datasheet HTML 32Page - OKI electronic componets MSM66577 Datasheet HTML 33Page - OKI electronic componets MSM66577 Datasheet HTML 34Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 30 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
30/34
A/D Converter Characteristics 1 (V
DD = 4.5 to 5.5 V)
(Ta = –30 to 70°C, V
DD = VREF = 4.5 to 5.5 V, AGND = GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
—
10
—
Bit
Linearity error
E
L
——
±3
Differential linearity error
E
D
——
±2
Zero scale error
E
ZS
——
+3
Full-scale error
E
FS
Refer to measurement
circuit 1
Analog input source
impedance
R
I ≤ 5 kΩ
t
conv = 10.7 µs
——
–3
Cross talk
E
CT
Refer to measurement
circuit 2
——
±1
LSB
Conversion time
t
CONV
Set according to
ADTM set data
10.7
—
—
µs/ch
A/D Converter Characteristics 2 (V
DD = 2.4 to 3.6 V)
MSM66577L (Ta = –30 to 70°C, V
DD = VREF = 2.4 to 3.6 V, AGND = GND = 0 V)
MSM66Q577LY (Ta = –30 to 70°C, V
DD = VREF = 3.0 to 3.6 V, AGND = GND = 0 V)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
Resolution
n
—
10
—
Bit
Linearity error
E
L
——
±4
Differential linearity error
E
D
——
±3
Zero scale error
E
ZS
——
+4
Full-scale error
E
FS
Refer to measurement
circuit 1
Analog input source
impedance
R
I ≤ 5 kΩ
t
conv = 10.7 µs
——
–4
Cross talk
E
CT
Refer to measurement
circuit 2
——
±2
LSB
Conversion time
t
CONV
Set according to
ADTM set data
27.4
—
—
µs/ch
V
REF
Reference
voltage
V
DD
GND
–
+
Analog input
R
I
AI0 to AI7
C
I
0.1
µF
47
µF
+
0.1
µF
47
µF
+
+5 V / +3V
0 V
AGND
R
I (impedance of analog input source) ≤5 kΩ
C
I ≅ 0.1 µF
Measurement Circuit 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com