Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 31 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 31 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 26Page - OKI electronic componets MSM66577 Datasheet HTML 27Page - OKI electronic componets MSM66577 Datasheet HTML 28Page - OKI electronic componets MSM66577 Datasheet HTML 29Page - OKI electronic componets MSM66577 Datasheet HTML 30Page - OKI electronic componets MSM66577 Datasheet HTML 31Page - OKI electronic componets MSM66577 Datasheet HTML 32Page - OKI electronic componets MSM66577 Datasheet HTML 33Page - OKI electronic componets MSM66577 Datasheet HTML 34Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
31/34
Measurement Circuit 2
Definition of Terminology
1. Resolution
Resolution is the value of minimum discernible analog input.
With 10 bits, since 2
10 = 1024, resolution of (V
REF – AGND) ÷ 1024 is possible.
2. Linearity error
Linearity error is the difference between ideal conversion characteristics and actual conversion
characteristics of a 10-bit A/D converter (not including quantization error).
Ideal conversion characteristics can be obtained by dividing the voltage between V
REF and AGND into 1024
equal steps.
3. Differential linearity error
Differential linearity error indicates the smoothness of conversion characteristics. Ideally, the range of analog
input voltage that corresponds to 1 converted bit of digital output is 1LSB = (V
REF – AGND) ÷ 1024.
Differential error is the difference between this ideal bit size and bit size of an arbitrary point in the conversion
range.
4. Zero scale error
Zero scale error is the difference between ideal conversion characteristics and actual conversion characteristics
at the point where the digital output changes from 000H to 001H.
5. Full-scale error
Full-scale error is the difference between ideal conversion characteristics and actual conversion characteristics
at the point where the digital output changes from 3FEH to 3FFH.
+
Analog input
5 k
0.1
µF
AI0
AI1
AI7
Cross talk is the difference
between the A/D conversion
results when the same
analog input is applied to AI0
through AI7 and the A/D
conversion results of the
circuit to the left.
to
V
REF or AGND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com