Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM66577 Datasheet(PDF) 13 Page - OKI electronic componets

Part # MSM66577
Description  16-Bit Microcontroller
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM66577 Datasheet(HTML) 13 Page - OKI electronic componets

Back Button MSM66577 Datasheet HTML 9Page - OKI electronic componets MSM66577 Datasheet HTML 10Page - OKI electronic componets MSM66577 Datasheet HTML 11Page - OKI electronic componets MSM66577 Datasheet HTML 12Page - OKI electronic componets MSM66577 Datasheet HTML 13Page - OKI electronic componets MSM66577 Datasheet HTML 14Page - OKI electronic componets MSM66577 Datasheet HTML 15Page - OKI electronic componets MSM66577 Datasheet HTML 16Page - OKI electronic componets MSM66577 Datasheet HTML 17Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
PEDL66577-01
1Semiconductor
MSM66577 Family
13/34
DC Characteristics 2 (V
DD = 2.4 to 3.6 V)
MSM66577L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577LY (V
DD = 3.0 to 3.6 V, Ta = –30 to +70°C)
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit
MSM66577L
0.44V
DD
—V
DD+0.3
“H” input voltage
*1
MSM66Q577LY
0.55V
DD
—V
DD+0.3
“H” input voltage *2,*3,*4,*5,*6
V
IH
0.80V
DD
—V
DD+0.3
“L” input voltage
*1
–0.3
0.16V
DD
“L” input voltage *2,*3,*4,*5,*6
V
IL
–0.3
0.2V
DD
I
O = –400 µA
V
DD–0.4
“H” output voltage
*1, *4
I
O = –2.0 mA
V
DD–0.8
I
O = –200 µA
V
DD–0.4
“H” output voltage
*2
V
OH
I
O = –1.0 mA
V
DD–0.8
I
O = 3.2 mA
0.5
“L” output voltage
*1, *4
I
O = 5.0 mA
0.9
I
O = 1.6 mA
0.5
“L” output voltage
*2
V
OL
I
O = 2.5 mA
0.9
V
Input leakage current
*3
1/–1
Input current
*5
1/–250
Input current
*6
I
IH/IIL
V
I = VDD/0 V
15/–15
µA
Output leakage current *1, *2, *4
I
LO
V
O = VDD/0 V
±10
µA
Pull-up resistance
Rpull
VI = 0 V
40
100
200
k
Input capacitance
C
I
—5
Output capacitance
C
O
f = 1 MHz, Ta = 25°C
—7
pF
During A/D operation
2
mA
Analog reference supply current
I
REF
When A/D is stopped
5
µA
*1: Applicable to P0
*2: Applicable to P1, P2, P4, P5, P6, P7, P8, P9, P10, P14, P15
*3: Applicable to P12
*4: Applicable to P3, P11, SELMBUS,
EA, NMI
*5: Applicable to
RES
*6: Applicable to OSC0
Supply current (V
DD=2.4 to 3.6 V)
MSM66577L (V
DD = 2.4 to 3.6 V, Ta = –30 to +70°C)
MSM66Q577LY (V
DD = 3.0 to 3.6 V, Ta = –30 to +70°C)
Mode
Symbol
Condition
Min.
Typ.
Max.
Unit
f=14 MHz
15
30
mA
CPU operation mode *1
I
DD
f=32.768 kHz
50
150
µA
HALT mode *2
I
DDH
f=14 MHz
10
20
mA
XT is used*
3
110
OSC is
stopped
XT is not used*
1
100
STOP mode *3
I
DDS
OSC is stopped, XT is not used
V
DD=2 V, Ta=25°C*
—0.2
10
µA
[Note] Ports used as inputs are at V
DD or 0 V. Other ports are unloaded.
*1. CPU and all the peripheral functions (timer, PWM, A/D, etc.) are activated.
*2. CPU is stopped, and all the peripheral functions (timer, PWM, A/D, etc.) are activated.
*3. CPU and all the peripheral functions are deactivated (The clock timer is being activated when the XT is used).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com