Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYNPWM Datasheet(PDF) 56 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 56 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 49Page - Feeling Technology Corp. SYNPWM Datasheet HTML 50Page - Feeling Technology Corp. SYNPWM Datasheet HTML 51Page - Feeling Technology Corp. SYNPWM Datasheet HTML 52Page - Feeling Technology Corp. SYNPWM Datasheet HTML 53Page - Feeling Technology Corp. SYNPWM Datasheet HTML 54Page - Feeling Technology Corp. SYNPWM Datasheet HTML 55Page - Feeling Technology Corp. SYNPWM Datasheet HTML 56Page - Feeling Technology Corp. SYNPWM Datasheet HTML 57Page - Feeling Technology Corp.  
Zoom Inzoom in Zoom Outzoom out
 56 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.56/FM8P73B
FEELING
TECHNOLOGY
7.6
18-PIN SOP 300mil
D
e
7o(4x)
B
View “ A
View “ A
L
£
Symbols
Dimension In Inches
Min
Nom
Max
A
0.093
0.098
0.104
A1
0.04
-
0.012
A2
-
0.091
-
B
0.013
0.016
0.020
C
0.007
0.009
0.011
D
0.447
-
0.463
E
0.291
0.295
0.299
e
-
0.050
-
H
0.394
0.406
0.419
L
0.015
0.032
0.050
θ°
0°
-
8°



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com