Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SYNPWM Datasheet(PDF) 14 Page - Feeling Technology Corp.

Part # SYNPWM
Description  EPROM-Based 8-Bit Microcontroller with 10 bit ADC
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FEELING [Feeling Technology Corp.]
Direct Link  http://www.feeling-tech.com.tw/
Logo FEELING - Feeling Technology Corp.

SYNPWM Datasheet(HTML) 14 Page - Feeling Technology Corp.

Back Button SYNPWM Datasheet HTML 10Page - Feeling Technology Corp. SYNPWM Datasheet HTML 11Page - Feeling Technology Corp. SYNPWM Datasheet HTML 12Page - Feeling Technology Corp. SYNPWM Datasheet HTML 13Page - Feeling Technology Corp. SYNPWM Datasheet HTML 14Page - Feeling Technology Corp. SYNPWM Datasheet HTML 15Page - Feeling Technology Corp. SYNPWM Datasheet HTML 16Page - Feeling Technology Corp. SYNPWM Datasheet HTML 17Page - Feeling Technology Corp. SYNPWM Datasheet HTML 18Page - Feeling Technology Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
FM8P73B
Web site: http://www.feeling-tech.com.tw
Rev1.0 Nov 20, 2013
P.14/FM8P73B
FEELING
TECHNOLOGY
2.1.6.4
SYNPWM (Sync PWM Control Register)
Address
Name
B7
B6
B5
B4
B3
B2
B1
B0
14h (r/w)
SYNPWM
SYNEN
PINV
DISN
-
-
-
DELS1
DELS0
Legend: - = unimplemented, read as ‘0’.
SYNEN : Sync PWM mode enable/disable.
In PWM mode:
= 1, Sync PWM mode Enable (PWM1N output on IOA1, PWM1P output on IOA0 or IOB1 select by
POPS bit).
= 0, Sync PWM mode Disable, IOA1 is I/O.
In Timer mode:
Ignore
PINV : PWM_P invert bit.
In Sync PWM mode:
= 1, PWM1P is invert output.
= 0, PWM1P is normal output.
Note: This function is only available in pin IOA0.
else:
Ignore.
DISN : PWM1N enable/disable.
In Sync PWM mode:
= 1, IOA1 is normal I/O.
= 0, IOA1 is PWM1N output.
else:
Ignore
DELS1:DELS0 : Sync PWM Non overlap time (PWM1P & PWM1N) selection bits.
DELS1
DELS0
Non overlap time
0
0
1/2 cycle time
0
1
1 cycle time
1
0
3/2 cycle time
1
1
2 cycle time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com