Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P133CS Datasheet(PDF) 46 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 46 Page - NEC

Back Button UPD17P133CS Datasheet HTML 42Page - NEC UPD17P133CS Datasheet HTML 43Page - NEC UPD17P133CS Datasheet HTML 44Page - NEC UPD17P133CS Datasheet HTML 45Page - NEC UPD17P133CS Datasheet HTML 46Page - NEC UPD17P133CS Datasheet HTML 47Page - NEC UPD17P133CS Datasheet HTML 48Page - NEC UPD17P133CS Datasheet HTML 49Page - NEC UPD17P133CS Datasheet HTML 50Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 289 page
background image
CHAPTER 5 DATA MEMORY (RAM)
Data memory stores data such as operation and control data. Data can be read from or written to data memory
with an instruction during normal operation.
5.1 DATA MEMORY CONFIGURATION
Figure 5-1 shows the configuration of data memory.
Data memory is controlled by the concept called banks. The
µPD17120 subseries has BANK0 only.
An address is allocated to the data memory for each bank.
An address consists of four bits of memory called "a nibble".
The address of data memory consists of 7 bits. The three high-order bits are called "the row address", and the
four low-order bits are called "the column address". For example, when the address of data memory is 1AH
(0011010B), the row address is 1H (001B), and the column address is AH (1010B).
In the case of the
µPD17120 and 17121, addresses 40H to 6EH should not be used because they are non-mounted
areas.
Sections 5.1.1 to 5.1.6 describe functions of data memory other than its use as address space.
Figure 5-1. Configuration of Data Memory
0
1
2
3
4
5
6
7
0123456789
A
B
C
D
E
F
DBF3 DBF2 DBF1 DBF0
P0E
(2 bits)
P0A
4 bits
P0B
4 bits
P0C
4 bits
P0D
4 bits
System register
Example:
Address 1AH
of BANK0
BANK0
Remark
The shaded parts represent the non-mounted area in the case of the
µPD17120 and 17121.
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com