Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P133CS Datasheet(PDF) 78 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 78 Page - NEC

Back Button UPD17P133CS Datasheet HTML 74Page - NEC UPD17P133CS Datasheet HTML 75Page - NEC UPD17P133CS Datasheet HTML 76Page - NEC UPD17P133CS Datasheet HTML 77Page - NEC UPD17P133CS Datasheet HTML 78Page - NEC UPD17P133CS Datasheet HTML 79Page - NEC UPD17P133CS Datasheet HTML 80Page - NEC UPD17P133CS Datasheet HTML 81Page - NEC UPD17P133CS Datasheet HTML 82Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 289 page
background image
CHAPTER 7
SYSTEM REGISTER (SYSREG)
63
7.7.3 Index Enable Flag (IXE)
The IXE flag is used to enable to modify index of the data memory address, whether index modification is to be
performed on the data memory address used.
For a more detailed explanation, refer to 7.5 INDEX REGISTER (IX) AND DATA MEMORY ROW ADDRESS
POINTER (MEMORY POINTER: MP).
7.7.4 Zero Flag (Z) and Compare Flag (CMP)
The Z flag indicates whether the result of an arithmetic operation is 0. The CMP flag is used to specify that the
result of an arithmetic operation not be stored in data memory or the general register.
Table 7-2 shows how the CMP flag affects the setting and resetting of the Z flag.
Table 7-2. Zero Flag (Z) and Compare Flag (CMP)
Condition
When CMP=0
When CMP=1
When the result of the arithmatical operation is 0
Z
← 1
Z remains unchanged
When the result of the arithmetic operation is other than 0 Z
← 0Z ← 0
The Z and CMP flags are used to compare the contents of the general register with those of the data memory.
The Z flag does not change other than in arithmetic operations; the CMP flag does not change other than in bit
decisions.
Example of 12-bit data comparision
;
Is the 12-bit data stored in M001, M002, and M003 equivalent to 456H?
CMP456:
SET2
CMP, Z
SUB
M001, #4
; Data stored in M001, M002, and M003 are not
SUB
M002, #5
; damaged
SUB
M003, #6
;
; CLR1
CMP
SKT
Z
; CMP is automatically cleared by the bit decision instruction
BR
DIFFER
;
≠ 456H
BR
AGREE
; =456H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com