Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD17P133CS Datasheet(PDF) 91 Page - NEC

Part # UPD17P133CS
Description  4-BIT SINGLE-CHIP MICROCONTROLLER
PDF  289 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD17P133CS Datasheet(HTML) 91 Page - NEC

Back Button UPD17P133CS Datasheet HTML 87Page - NEC UPD17P133CS Datasheet HTML 88Page - NEC UPD17P133CS Datasheet HTML 89Page - NEC UPD17P133CS Datasheet HTML 90Page - NEC UPD17P133CS Datasheet HTML 91Page - NEC UPD17P133CS Datasheet HTML 92Page - NEC UPD17P133CS Datasheet HTML 93Page - NEC UPD17P133CS Datasheet HTML 94Page - NEC UPD17P133CS Datasheet HTML 95Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 289 page
background image
CHAPTER 9
REGISTER FILE (RF)
76
(3) During use of the in-circuit emulator (IE-17K or IE-17K-ET) (operation during patch processing and
similar operations)
Attempting to write to a read-only register has no effect and no error is generated.
Attempting to read data from an address in the unused data area will yield an unpredictable value.
Attempting to write to an address in the unused data area has no effect and no error is generated.
9.4.2 Register File Symbol Definitions and Reserved Words
Attempting to use a numerical value in a 17K Series assembler (AS17K) to specify a register file address in the
rf operand of the PEEK WR, rf or POKE rf, WR instructions will cause an error to be generated.
Therefore, as shown in Example 1, register file addresses need to be defined beforehand as symbols.
Example 1.
Case which causes and error to be generated
PEEK
WR, 02H
;
POKE
21H, WR
;
Case in which no error is generated
RF71
MEM
0.71H
; Symbol definition
PEEK
WR, RF71
;
Caution should especially be taken with regard to the following point:
• When using a symbol to define the control register as an address in data memory, it needs to be defined as
addresses 80H to BFH of BANK0.
Since the control register is manipulated using the window register, any attempt to manipulate the control register
other than by using the PEEK and POKE commands needs to cause an error to be generated in the assembler (AS17K).
However, note that any address in the area of the register file overlapping with data memory (address locations
40H to 7FH) can be defined as a symbol in the same manner as with normal data memory.
An example is given below.
Example 2.
RF71
MEM
0.71H
; Address in register file overlapping with data memory
RF02
MEM
0.82H
; Control register
PEEK
WR, RF71
; RF71 becomes address 71H
PEEK
WR, RF02
; RF02 becomes address 02H in the control register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com