Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 34 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 30Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 31Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 32Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 33Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 34Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 121 page
background image
0
1
0
1
0
1
0
0
0
0
1
1
0
0
0
1
1
Data in
BMC
1
BMC
Decoder
SOP
Detect
4b5b
Decoder
CRC
from PD_RX
Data
34
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 12. USB-PD Baseband Receiver Block Diagram
The USB-PD baseband signal is driven on the C_CCn pins with a tri-state driver. The tri-state driver is slew rate
limited to reduce the high frequency components imparted on the cable and to avoid interference with
frequencies used for communication.
9.3.1.2 USB-PD Bi-Phase Marked Coding
The USBP-PD physical layer implemented in the TPS65982 is compliant to the USB-PD Specifications. The
encoding scheme used for the baseband PD signal is a version of Manchester coding called Biphase Mark
Coding (BMC). In this code, there is a transition at the start of every bit time and there is a second transition in
the middle of the bit cell when a 1 is transmitted. This coding scheme is nearly DC balanced with limited disparity
(limited to 1/2 bit over an arbitrary packet, so a very low DC level). Figure 13 shows Biphase Mark Coding.
Figure 13. Biphase Mark Coding Example
The USB PD baseband signal is driven onto the C_CC1 or C_CC2 pins with a tri-state driver. The tri-state driver
is slew rate to limit coupling to D+/D– and to other signal lines in the Type-C fully featured cables. When sending
the USB-PD preamble, the transmitter will start by transmitting a low level. The receiver at the other end will
tolerate the loss of the first edge. The transmitter will terminate the final bit by an edge to ensure the receiver
clocks the final bit of EOP.
9.3.1.3 USB-PD Transmit (TX) and Receive (Rx) Masks
The USB-PD driver meets the defined USB-PD BMC TX masks. Since a BMC coded 1 contains a signal edge at
the beginning and middle of the UI, and the BMC coded 0 contains only an edge at the beginning, the masks are
different for each. The USB-PD receiver meets the defined USB-PD BMC Rx masks. The boundaries of the Rx
outer mask are specified to accommodate a change in signal amplitude because of the ground offset through the
cable. The Rx masks are therefore larger than the boundaries of the TX outer mask. Similarly, the boundaries of
the Rx inner mask are smaller than the boundaries of the TX inner mask. Triangular time masks are
superimposed on the TX outer masks and defined at the signal transitions to require a minimum edge rate that
will have minimal impact on adjacent higher speed lanes. The TX inner mask enforces the maximum limits on the
rise and fall times. Refer to the USB-PD Specifications for more details.
9.3.1.4 USB-PD BMC Transmitter
The TPS65982 transmits and receives USB-PD data over one of the C_CCn pins. The C_CCn pin is also used
to determine the cable orientation (see the Cable Plug and Orientation Detection section) and maintain
cable/device attach detection. Thus, a DC bias will exist on the C_CCn. The transmitter driver will overdrive the
C_CCn DC bias while transmitting, but will return to a Hi-Z state allowing the DC voltage to return to the C_CCn
pin when not transmitting. Figure 14 shows the USB-PD BMC TX/Rx driver block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com