Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 36 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 32Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 33Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 34Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 35Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 36Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 37Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 38Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 39Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 121 page
background image
LDO_3V3
IH_CC_0P9
IH_CC_1P5
IH_CC_3P0
RD_CC
C_CCn
VREF1
VREF2
VREF3
C
CBLPLUG
Tx
Rx
Tx
Rx
C
CBLPLUG
C
RECEIVER
C
RECEIVER
Connector
Connector
Cable
DFP
System
UFP
System
Pullup
for Attach
Detection
RD
for Attach
Detection
Driver
R
DRIVER
C
DRIVER
Z
DRIVER
36
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Feature Description (continued)
Figure 16. ZDRIVER Circuit
9.3.1.5 USB-PD BMC Receiver
The receiver block of the TPS65982 receives a signal that falls within the allowed Rx masks defined in the USB
PD specification. The receive thresholds and hysteresis come from this mask. The values for VRXTR and
VRXTF are listed in USB-PD Baseband Signal Requirements and Characteristics.
Figure 17 shows an example of a multi-drop USB-PD connection. This connection has the typical UFP (device)
to DFP (host) connection, but also includes cable USB-PD TX/Rx blocks. Only one system can be transmitting at
a time. All other systems are Hi-Z (ZBMCRX). The USB-PD Specification also specifies the capacitance that can
exist on the wire as well as a typical DC bias setting circuit for attach detection.
Figure 17. Example USB-PD Multi-Drop Configuration
9.3.2 Cable Plug and Orientation Detection
Figure 18 shows the plug and orientation detection block at each C_CC pin (C_CC1 and C_CC2). Each pin has
identical detection circuitry.
Figure 18. Plug and Orientation Detection Block



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com