| Electronic Components Datasheet Search |
|
TPS65982ABZBHR Datasheet(PDF) 65 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
TPS65982ABZBHR Datasheet(HTML) 65 Page - Texas Instruments |
|
65 / 121 page ![]() 65 TPS65982 www.ti.com SLVSD02D – MARCH 2015 – REVISED JUNE 2019 Product Folder Links: TPS65982 Submit Documentation Feedback Copyright © 2015–2019, Texas Instruments Incorporated Table 7. I/O Buffer Type Description (continued) BUFFER TYPE DESCRIPTION IOBUF_GPIOLS General Purpose Low-Speed I/O IOBUF_GPIOLSI2C General Purpose Low-Speed I/O with I2C deglitch time IOBUF_I2C I2C Compliant Clock/Data Buffers IOBUF_OD Open-Drain Output IOBUF_UTX Push-Pull output buffer for UART IOBUF_URX Input buffer for UART IOBUF_PORT Input buffer between 1st/2nd stage Port Data Mux Table 8. Pin to I/O Buffer Mapping I/O GROUP/PIN BUFFER TYPE SUPPLY CONNECTION (DEFAULT FIRST) DEBUG1/2/3/4 IOBUF_GPIOLS LDO_3V3, VDDIO DEBUG_CTL1/2 IOBUF_GPIOLSI2C LDO_3V3, VDDIO BUSPOWERZ IOBUF_GPIOLS LDO_3V3, VDDIO GPIO0-8 IOBUF_GPIOLS LDO_3V3, VDDIO I2C_IRQ1/2Z IOBUF_OD LDO_3V3, VDDIO I2C_SDA1/2/SCL/1/2 IOBUF_I2C LDO_3V3, VDDIO LSX_P2R IOBUF_UTX LDO_3V3, VDDIO LSX_R2P IOBUF_URX LDO_3V3, VDDIO MRESET IOBUF_GPIOLS LDO_3V3, VDDIO RESETZ IOBUF_GPIOLS LDO_3V3, VDDIO UART_RX IOBUF_URX LDO_3V3, VDDIO UART_TX IOBUF_UTX LDO_3V3, VDDIO PORT_INT IOBUF_PORT LDO_3V3 SPI_MOSI/MISO/CLK/SSZ IOBUF_GPIOHSSPI LDO_3V3 SWD_CLK/DATA IOBUF_GPIOHSSWD LDO_3V3 9.3.18.1 IOBUF_GPIOLS and IOBUF_GPIOLSI2C Figure 54 shows the GPIO I/O buffer for all GPIOn pins listed GPIO0-GPIO17 in . GPIOn pins can be mapped to USB Type-C, USB PD, and application-specific events to control other ICs, interrupt a host processor, or receive input from another IC. This buffer is configurable to be a push-pull output, a weak push-pull, or open drain output. When configured as an input, the signal can be a deglitched digital input or an analog input to the ADC. The push-pull output is a simple CMOS output with independent pulldown control allowing open-drain connections. The weak push-pull is also a CMOS output, but with GPIO_RPU resistance in series with the drain. The supply voltage to this buffer is configurable to be LDO_3V3 by default or VDDIO. For simplicity, the connection to VDDIO is not shown in Figure 54, but the connection to VDDIO is fail-safe and a diode will not be present from GPIOn to VDDIO in this configuration. The pullup and pulldown output drivers are independently controlled from the input and are enabled or disabled via application code in the digital core. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |