Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 53 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 56Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 121 page
background image
USB_RP_P/N
AUX_N
AUX_P
DEBUG3/4
DEBUG1/2
USB_EP_P/N
USB_EP_P/N
USB_RP_P/N
C_SBU2
C_SBU1
C_USB_BN
C_USB_BP
C_USB_TN
C_USB_TP
USB_RP_P
USB_RP_N
DEBUG2
DEBUG1
DEBUG4
DEBUG3
USB_RP
DEBUG3/4
DEBUG1/2
AUX_P/N
LSX_P2R
LSX_R2P
UART_TX
UART_RX
Digital Core
GPIO
Digital Cross-Bar Mux
UART0
UART1
UART0
CORE_
UART0
UART1
GPIO0
GPIO1
SWD
DEBUG3/4
DEBUG1/2
DEBUG3/4
DEBUG1/2
AUX_P/N
SWD_DATA
SWD_CLK
SWD_CLK/DATA
SWD_CLK/DATA
SWD_CLK/DATA
SBU_INT1
SBU_INT2
SBU_INT1
SBU_INT2
To ADC
Charger
ID
1st Stage
2nd Stage
UART1
CORE_
UART2
CORE_
53
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
Figure 44. Port Data Multiplexers
Table 3 shows the typical signal types through the switch path. The UART_RX/TX and LSX_P2R/R2P paths are
digitally buffered to allow tri-state control for these paths. All other switches are analog pass switches. The
LSX_P2R/R2P pair is also configurable to be analog pass switches as well. These switch paths are not limited to
the specified signal type. For the signals that interface with the digital core, the maximum data rate is dictated by
the clock rate at which the core is running.
Table 3. Typical Signals through Analog Switch Path
INPUT PATH
SIGNAL TYPE
SIGNAL FUNCTION
SWD_DATA/CLK
Single Ended
Data, Clock
UART_RX/TX
Single Ended TX/Rx
UART
LSX_P2R/R2P
Single Ended TX/Rx
UART
DEBUG1/2/3/4
Single Ended
Debug
AUX_P/N
Differential
DisplayPort and Thunderbolt AUX channel
USB_EP_P/N
Differential
USB 2.0 Low Speed Endpoint
USB_RP_P/N
Differential
USB 2.0 High Speed Data Root Port



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com