Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 51 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 51 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 47Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 48Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 49Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 50Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 51Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 52Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 53Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 54Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 55Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 121 page
background image
Time (500 Ps/div)
-1
-1
0
0
1
1
2
2
3
3
4
4
5
5
6
6
D010
I CC2
C_CC2
PP_CABLE
Time (10 Ps/div)
0
-4
1
-2
2
0
3
2
4
4
5
6
6
8
7
10
D009
I CC2
C_CC2
PP_CABLE
51
TPS65982
www.ti.com
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
9.3.3.22 PP_CABLE to C_CC1 and C_CC2 Switch Architecture
Figure 20 shows the switch architecture for the PP_CABLE switch path to the C_CCc pins. Each path provides a
unidirectional current from PP_CABLE to C_CC1 and C_CC2. The switch structure blocks reverse current from
C_CC1 or C_CC2 to PP_CABLE.
9.3.3.23 PP_CABLE to C_CC1 and C_CC2 Current Limit
The PP_CABLE to C_CC1 and C_CC2 share current limiting through a single FET on the PP_CABLE side of the
switch. The current limit ILIMPPCC is adjustable between two levels. When the current exceeds ILIMPPCC, the
current-limit circuit activates. Depending on the severity of the over-current condition, the transient response will
react in one of two ways: Figure 40 and Figure 41 show the approximate response time and clamping
characteristics of the circuit for a hard short while Figure 42 shows the approximate response time and clamping
characteristics for a soft short. The switch does not have reverse current blocking when the switch is enabled
and current is flowing to either C_CC1 or C_CC2.
Figure 40. PP_CABLE to C_CCn Current Limit with a Hard Short
Figure 41. PP_CABLE to C_CCn Current Limit with a Hard Short (Extended Time Base)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com