Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 112 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 112 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 108Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 109Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 110Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 111Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 112Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 113Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 114Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 115Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 116Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 112 / 121 page
background image
112
TPS65982
SLVSD02D – MARCH 2015 – REVISED JUNE 2019
www.ti.com
Product Folder Links: TPS65982
Submit Documentation Feedback
Copyright © 2015–2019, Texas Instruments Incorporated
13 Device and Documentation Support
13.1 Device Support
13.1.1 Development Support
For the IBIS Model, see TPS65982ZQZR IBIS Model (SLVMAY7)
13.2 Documentation Support
13.2.1 Related Documentation
For related documentation, see the following:
•
USB Power Delivery Specification, Revision 2.0, Version 1.2 (March 25th, 2016)
•
USB Type-C Specification, Revision 1.2 (March 25th, 2016)
•
USB Battery Charging Specification, Revision 1.2 (December 7th, 2010)
•
TPS65981, TPS65982, and TPS65986 Firmware User’s Guide (SLVUAH7)
•
TPS65981, TPS65982, and TPS65986 Host Interface Technical Reference Manual (SLVUAN1)
•
W25Q80DV data sheet, 8M-Bit, 16M-Bit and 32M-Bit Serial Flash Memory With Dual and Quad SPI
•
NSR20F30NXT5G data sheet, Schottky Barrier Diode
13.3 Receiving Notification of Documentation Updates
To receive notification of documentation updates — go to the product folder for your device on ti.com. In the
upper right-hand corner, click the Alert me button to register and receive a weekly digest of product information
that has changed (if any). For change details, check the revision history of any revised document.
13.4 Community Resources
The following links connect to TI community resources. Linked contents are provided "AS IS" by the respective
contributors. They do not constitute TI specifications and do not necessarily reflect TI's views; see TI's Terms of
Use.
TI E2E™ Online Community TI's Engineer-to-Engineer (E2E) Community. Created to foster collaboration
among engineers. At e2e.ti.com, you can ask questions, share knowledge, explore ideas and help
solve problems with fellow engineers.
Design Support TI's Design Support Quickly find helpful E2E forums along with design support tools and
contact information for technical support.
13.5 Trademarks
E2E is a trademark of Texas Instruments.
Thunderbolt is a trademark of Intel.
All other trademarks are the property of their respective owners.
13.6 Electrostatic Discharge Caution
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
13.7 Glossary
SLYZ022 — TI Glossary.
This glossary lists and explains terms, acronyms, and definitions.
14 Mechanical, Packaging, and Orderable Information
The following pages include mechanical, packaging, and orderable information. This information is the most
current data available for the designated devices. This data is subject to change without notice and revision of
this document. For browser-based versions of this data sheet, refer to the left-hand navigation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com