Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS65982ABZBHR Datasheet(PDF) 118 Page - Texas Instruments

Click here to check the latest version.
Part # TPS65982ABZBHR
Description  USB Type-C and USB PD Controller, Power Switch, and High-Speed Multiplexer
PDF  121 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS65982ABZBHR Datasheet(HTML) 118 Page - Texas Instruments

Back Button TPS65982ABZBHR Datasheet HTML 113Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 114Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 115Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 116Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 117Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 118Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 119Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 120Page - Texas Instruments TPS65982ABZBHR Datasheet HTML 121Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 118 / 121 page
background image
www.ti.com
PACKAGE OUTLINE
C
A
6.1
5.9
B
6.1
5.9
1 MAX
0.25
0.19 TYP
5
TYP
5 TYP
0.5 TYP
0.5 TYP
96X 0.35
0.25
(0.5) TYP
(0.65)
(0.5) TYP
NFBGA - 1 mm max height
ZBH0096A
PLASTIC BALL GRID ARRAY
4221754/B 09/2018
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
L
A
B
BALL A1 CORNER
INDEX AREA
SEATING PLANE
BALL TYP
0.08 C
K
J
H
G
F
E
D
C
1 2
3
0.15
C A
B
0.05
C
SYMM
SYMM
4 5
6 7 8 9 10 11
SCALE 2.000



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com