Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 32 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 32 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 28Page - Analog Devices ADV7183ABST Datasheet HTML 29Page - Analog Devices ADV7183ABST Datasheet HTML 30Page - Analog Devices ADV7183ABST Datasheet HTML 31Page - Analog Devices ADV7183ABST Datasheet HTML 32Page - Analog Devices ADV7183ABST Datasheet HTML 33Page - Analog Devices ADV7183ABST Datasheet HTML 34Page - Analog Devices ADV7183ABST Datasheet HTML 35Page - Analog Devices ADV7183ABST Datasheet HTML 36Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 104 page
background image
ADV7183A
Rev. A | Page 32 of 104
CSFM[2:0] C Shaping Filter Mode (SDP), Address 0x17, [7]
The C shaping filter mode bits allow the user to select from a
range of low-pass filters for the chrominance signal. When
switched in automatic mode, the widest filter is selected based
on the video standard/format and user choice (see settings 000
and 001 in Table 63).
Table 63. CSFM Function
CSFM[2:0]
Description
000*
Autoselect 1.5 MHz bandwidth
001
Autoselect 2.17 MHz bandwidth
010
SH1
011
SH2
100
SH3
101
SH4
110
SH5
111
Wideband Mode
*Default value.
0
–10
–20
–30
–40
–50
–60
05
4
3
2
16
FREQUENCY (MHz)
v740a COMBINED C ANTIALIAS, C SHAPING FILTER,
C RESAMPLER
Figure 16. SDP Chroma Shaping Filter Responses
Figure 16 shows the responses of SH1 (narrowest) to SH5
(widest) in addition to the wideband mode (in red).
SDP GAIN OPERATION
The gain control within the ADV7183A is done on a purely
digital basis. The input ADCs support a 10-bit range, mapped
into a 1.6 V analog voltage range. Gain correction takes place
after the digitization in the form of a digital multiplier.
There are several advantages of this architecture over the
commonly used PGA (programmable gain amplifier) before the
ADCs; among them is the fact that the gain is now completely
independent of supply, temperature, and process variations.
As shown in Figure 17, the ADV7183A can decode a video
signal as long as it fits into the ADC window. There are two
components to this: the amplitude of the input signal and the dc
level it resides on. The dc level is set by the clamping circuitry
(see the SDP Clamp Operation section).
If the amplitude of the analog video signal is too high, clipping
may occur, resulting in visual artifacts. The analog input range
of the ADC, together with the clamp level, determines the
maximum supported amplitude of the video signal.
The minimum supported amplitude of the input video is
determined by the SDP core’s ability to retrieve horizontal and
vertical timing and to lock to the color burst (if present).
There are two gain control units, one each for luma and chroma
data. Both can operate independently of each other. The chroma
unit, however, can also take its gain value from the luma path.
Several AGC modes are possible; Table 64 summarizes them.
It is possible to freeze the automatic gain control loops. This will
cause the loops to stop updating and the AGC determined gain
at the time of the freeze stays active until the loop is either
unfrozen or the gain mode of operation is changed.
The currently active gain from any of the modes can be read
back. Please refer to the description of the dual function manual
gain registers, LG[11:0] Luma Gain and CG[11:0] Chroma
Gain, in the SDP Luma Gain and SDP Chroma Gain sections.
ANALOG VOLTAGE
RANGE SUPPORTED BY ADC (1.6V RANGE FOR ADV7183A)
DATA
PRE
PROCESSOR
(DPP)
ADC
SDP
(GAIN SELECTION ONLY)
MAXIMUM
VOLTAGE
MINIMUM
VOLTAGE
CLAMP
LEVEL
GAIN
CONTROL
Figure 17. SDP Gain Control Overview



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com