Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 87 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 87 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 83Page - Analog Devices ADV7183ABST Datasheet HTML 84Page - Analog Devices ADV7183ABST Datasheet HTML 85Page - Analog Devices ADV7183ABST Datasheet HTML 86Page - Analog Devices ADV7183ABST Datasheet HTML 87Page - Analog Devices ADV7183ABST Datasheet HTML 88Page - Analog Devices ADV7183ABST Datasheet HTML 89Page - Analog Devices ADV7183ABST Datasheet HTML 90Page - Analog Devices ADV7183ABST Datasheet HTML 91Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 104 page
background image
ADV7183A
Rev. A | Page 87 of 104
Table 196. Register 0x3D
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
Reserved
0
0
1
1
Set to default
CKILLTHR[2:0].
0
0
0
Kill at 0.5%
0
0
1
Kill at 1.5%
0
1
0
Kill at 2.5%
0
1
1
Kill at 4%
1
0
0
Kill at 8.5%
CKE = 1 enables the color kill function and
must be enabled for CKILLTHR[2:0] to take
effect.
1
0
1
Kill at 16%
1
1
0
Kill at 32%
1
1
1
Reserved
Reserved
0x3D
Manual
Window
0
Set to default
Table 197. Registers 0x41 to 0x4C
Bit
Subaddress
Register
Bit Description
7
6
5
4
3
2
1
0
Comments
Notes
Reserved
0
1
0
0
0
0
Set to default
0
SFL compatible with
ADV7190/ADV7191/ADV7194
encoders
SFL_INV. Controls the
behavior of the PAL switch
bit.
1
SFL compatible with
ADV717x/ADV7173x encoders
0x41
Resample
Control
Reserved
0
Set to default
GDECEL[15:0]. 16
individual enable bits that
select the lines of video
(even field lines 10–25)
that the decoder checks
for Gemstar compatible
data.
0x48
Gemstar
Control 1
GDECEL[15:8]. See above.
0
0
0
0
0
0
0
0
0x49
Gemstar
Control 2
GDECEL[7:0]. See above.
0
0
0
0
0
0
0
0
LSB = Line 10,
MSB = Line 25,
Default = Do not
check for
Gemstar
compatible data
on any lines [10–
25] in even fields
GDECOL[15:0]. 16
individual enable bits that
select the lines of video
(odd field lines 10–25) that
the decoder checks for
Gemstar compatible data.
0x4A
Gemstar
Control 3
GDECOL[15:8]. See above.
0
0
0
0
0
0
0
0
0x4B
Gemstar
Control 4
GDECOL[7:0]. See above.
0
0
0
0
0
0
0
0
LSB = Line 10,
MSB = Line 25,
Default = Do not
check for
Gemstar
compatible data
on any lines [10–
25] in odd fields
0
Split data into half byte
To avoid 00/FF
code.
GDECAD. Controls the
manner in which decoded
Gemstar data is inserted
into the horizontal
blanking period.
1
Output in straight 8-bit format
0x4C
Gemstar
Control 5
Reserved
x
x
x
x
x
x
x
Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com