Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 16 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 16 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 12Page - Analog Devices ADV7183ABST Datasheet HTML 13Page - Analog Devices ADV7183ABST Datasheet HTML 14Page - Analog Devices ADV7183ABST Datasheet HTML 15Page - Analog Devices ADV7183ABST Datasheet HTML 16Page - Analog Devices ADV7183ABST Datasheet HTML 17Page - Analog Devices ADV7183ABST Datasheet HTML 18Page - Analog Devices ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 104 page
background image
ADV7183A
Rev. A | Page 16 of 104
GLOBAL CONTROL REGISTERS
Register control bits listed in this section affect the whole chip.
POWER-SAVE MODES
Power-Down
PDBP, Address 0x0F, [2]
There are two ways to shut down the digital core of the
ADV7183A: a pin (PWRDN) and a bit (PWRDN see below).
The PDBP controls which of the two has the higher priority.
The default is to give the pin (PWRDN) priority. This allows the
user to have the ADV7183A powered down by default.
Table 11. PDBP Function
PDBP
Description
0*
Digital core power controlled by the PWRDN pin (bit is
disregarded).
1
Bit has priority (pin is disregarded).
*Default value.
PWRDN, Address 0x0F, [5]
Setting the PWRDN bit switches the ADV7183A into a chip-
wide power-down mode. The power-down stops the clock from
entering the digital section of the chip, thereby freezing its
operation. No I2C bits are lost during power-down. The
PWRDN bit also affects the analog blocks and switches them
into low current modes. The I2C interface itself is unaffected,
and remains operational in power-down mode.
The ADV7183A leaves the power-down state if the PWRDN bit
is set to 0 (via I2C), or if the overall part is reset using Pin
RESET.
Note that PDBP must be set to 1 for the PWRDN bit to power
down the ADV7183A.
Table 12. PWRDN Function
PWRDN
Description
0*
Chip operational.
1
ADV7183A in chip-wide power-down.
*Default value.
ADC Power-Down Control
The ADV7183A contains three 10-bit ADCs (ADC 0, ADC 1,
and ADC 2). If required, it is possible to power down each ADC
individually.
When should the ADCs be powered down?
•
CVBS mode. ADC 1 and ADC 2 should be powered down
to save on power consumption.
•
S-Video mode. ADC 2 should be powered down to save on
power consumption.
PWRDN_ADC_0, Address 0x3A, [3]
Table 13. PWRDN_ADC_0 Function
PWRDN_ADC_0
Description
0*
ADC normal operation.
1
Power down ADC 0.
*Default value.
PWRDN_ADC_1, Address 0x3A, [2]
Table 14. PWRDN_ADC_1 Function
PWRDN_ADC_1
Description
0*
ADC normal operation.
1
Power down ADC 1.
*Default value.
PWRDN_ADC_2, Address 0x3A, [1]
Table 15. PWRDN_ADC_2 Function
PWRDN_ADC_2
Description
0*
ADC normal operation.
1
Power down ADC 2.
*Default value.
RESET CONTROL
Chip Reset (RES), Address 0x0F, [7]
Setting this bit, equivalent to controlling the RESET pin on the
ADV7183A, issues a full chip reset. All I2C registers get reset to
their default values6. After the reset sequence, the part immedi-
ately starts to acquire the incoming video signal.
Notes
•
After setting the RES bit (or initiating a reset via the pin),
the part returns to the default mode of operation with
respect to its primary mode of operation. All I2C bits are
loaded with their default values, making this bit self-
clearing.
•
Executing a software reset takes approximately 2 ms.
However, it is recommended to wait 5 ms before any
further I2C writes are performed.
•
The I2C master controller receives a no acknowledge
condition on the ninth clock cycle when Chip Reset is
implemented. See the MPU Port Description section.
Table 16. RES Function
RES
Description
0*
Normal operation.
1
Start reset sequence.
*Default value.
6 Some register bits do not have a reset value specified. They keep their last
written value. Those bits are marked as having a reset value of x in the
register table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com