Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 11 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 11 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 7Page - Analog Devices ADV7183ABST Datasheet HTML 8Page - Analog Devices ADV7183ABST Datasheet HTML 9Page - Analog Devices ADV7183ABST Datasheet HTML 10Page - Analog Devices ADV7183ABST Datasheet HTML 11Page - Analog Devices ADV7183ABST Datasheet HTML 12Page - Analog Devices ADV7183ABST Datasheet HTML 13Page - Analog Devices ADV7183ABST Datasheet HTML 14Page - Analog Devices ADV7183ABST Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 104 page
background image
ADV7183A
Rev. A | Page 11 of 104
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
VS
1
HS
2
DGND
3
DVDDIO
4
P11
5
P10
6
P9
7
P8
8
DGND
9
DVDD 10
NC 11
SFL 12
NC 13
DGND 14
DVDDIO 15
NC 16
NC 17
NC 18
P7 19
P6 20
AIN5
60
AIN11
59
AIN4
58
AIN10
57
AGND
56
CAP C2
55
CAP C1
54
AGND
53
CML
52
REFOUT
51
AVDD
50
CAP Y2
49
CAP Y1
48
AGND
47
AIN3
46
AIN9
45
AIN2
44
AIN8
43
AIN1
42
AIN7
41
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
ADV7183A
TOP VIEW
(Not to Scale)
NC = NO CONNECT
Figure 5. 80-Lead LQFP Pin Configuration
Table 7. Pin Function Descriptions
Pin No.
Mnemonic
Type
Function
3, 9, 14, 31, 71
DGND
G
Digital Ground.
39, 40, 47, 53, 56
AGND
G
Analog Ground.
4, 15
DVDDIO
P
Digital I/O Supply Voltage (3.3 V).
10, 30, 72
DVDD
P
Digital Core Supply Voltage (1.8 V).
50
AVDD
P
Analog Supply Voltage (3.3 V).
38
PVDD
P
PLL Supply Voltage (1.8 V).
41–46, 57–62
AIN1–AIN12
I
Analog Video Input Channels.
11, 13, 16–18, 25,
34, 35, 63, 65, 69,
70, 77, 78
NC
No Connect Pins.
5–8, 19–24,
32, 33, 73–76
P0–P15
O
Video Pixel Output Port.
2
HS
O
HS is a horizontal synchronization output signal.
1
VS
O
VS is a vertical synchronization output signal.
80
FIELD
O
FIELD is a field synchronization output signal.
67
SDA
I/O
I2C Port Serial Data Input/Output Pin.
68
SCLK
I
I2C Port Serial Clock Input (Max Clock Rate of 400 kHz).
66
ALSB
I
This pin selects the I2C address for the ADV7183A. ALSB set to Logic 0 sets the address for a
write as 0x40; for ALSB set to logic high, the address selected is 0x42.
64
RESET
I
System Reset Input, Active Low. A minimum low reset pulse width of 5 ms is required to
reset the ADV7183A circuitry.
27
LLC1
O
This is a line-locked output clock for the pixel data output by the ADV7183A. Nominally
27 MHz, but varies up or down according to video line length.
26
LLC2
O
This is a divide-by-2 version of the LLC1 output clock for the pixel data output by the
ADV7183A. Nominally 13.5 MHz, but varies up or down according to video line length.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com