Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 23 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 23 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices ADV7183ABST Datasheet HTML 21Page - Analog Devices ADV7183ABST Datasheet HTML 22Page - Analog Devices ADV7183ABST Datasheet HTML 23Page - Analog Devices ADV7183ABST Datasheet HTML 24Page - Analog Devices ADV7183ABST Datasheet HTML 25Page - Analog Devices ADV7183ABST Datasheet HTML 26Page - Analog Devices ADV7183ABST Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 104 page
background image
ADV7183A
Rev. A | Page 23 of 104
AD_SECAM_EN Enable Autodetection of SECAM (SDP),
Address 0x07, [6]
Table 32. AD_SECAM_EN Function
AD_SECAM_EN
Description
0
Disable the autodetection of SECAM.
1*
Enable the detection.
*Default value.
AD_N443_EN Enable Autodetection of NTSC 443 (SDP),
Address 0x07, [5]
Table 33. AD_N443_EN Function
AD_N443_EN
Description
0
Disable the autodetection of NTSC style
systems with a 4.43 MHz color subcarrier.
1*
Enable the detection.
*Default value.
AD_P60_EN Enable Autodetection of PAL60 (SDP),
Address 0x07, [4]
Table 34. AD_P60_EN Function
AD_P60_EN
Description
0
Disable the autodetection of PAL systems with a
60 Hz field rate.
1*
Enable the detection.
*Default value.
AD_PALN_EN Enable Autodetection of PAL N (SDP),
Address 0x07, [3]
Table 35. AD_PALN_EN Function
AD_PALN_EN
Description
0
Disable the detection of the PAL N standard.
1*
Enable the detection.
*Default value.
AD_PALM_EN Enable Autodetection of PAL M (SDP),
Address 0x07, [2]
Table 36. AD_PALM_EN Function
AD_PALM_EN
Description
0
Disable the autodetection of PAL M.
1*
Enable the detection.
*Default value.
AD_NTSC_EN Enable Autodetection of NTSC (SDP),
Address 0x07, [1]
Table 37. AD_NTSC_EN Function
AD_NTSC_EN
Description
0
Disable the detection of standard NTSC.
1*
Enable the detection.
*Default value.
AD_PAL_EN Enable Autodetection of PAL (SDP),
Address 0x07, [0]
Table 38. AD_PAL_EN Function
AD_PAL_EN
Description
0
Disable the detection of standard PAL.
1*
Enable the detection.
*Default value.
SFL_INV Subcarrier Frequency Lock Inversion (SDP)
This bit controls the behavior of the PAL switch bit in the SFL
(GenLock Telegram) data stream. It was implemented to solve
some compatibility issues with video encoders. It solves two
problems:
1.
The PAL switch bit is only meaningful in PAL. Some
encoders (including Analog Devices encoders) also look at
the state of this bit in NTSC.
2.
There was a design change in Analog Devices encoders
from ADV717x to ADV719x. The older versions used the
SFL (GenLock Telegram) bit directly, while the later ones
invert the bit prior to using it. The reason for this is that the
inversion compensated for the 1-line delay of an SFL
(GenLock Telegram) transmission.
As a result:
1.
ADV717x encoders need the PAL switch bit in the SFL
(GenLock Telegram) to be 1 for NTSC to work.
2.
ADV7190/ADV7191/ADV7194 encoders need the PAL
switch bit in the SFL to be 0 to work in NTSC.
If the state of the PAL switch bit is wrong, a 180°phase shift
occurs.
In a decoder/encoder back-to-back system in which SFL is used,
this bit must be set up properly for the specific encoder used.
Table 39. SFL_INV Function
SFL_INV
Address 0x41, [6]
Description
0
SFL compatible with ADV7190/ADV7191/
ADV7194 encoders.
1*
SFL compatible with ADV717x/ADV7173x
encoders.
*Default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com