Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 29 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 29 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 25Page - Analog Devices ADV7183ABST Datasheet HTML 26Page - Analog Devices ADV7183ABST Datasheet HTML 27Page - Analog Devices ADV7183ABST Datasheet HTML 28Page - Analog Devices ADV7183ABST Datasheet HTML 29Page - Analog Devices ADV7183ABST Datasheet HTML 30Page - Analog Devices ADV7183ABST Datasheet HTML 31Page - Analog Devices ADV7183ABST Datasheet HTML 32Page - Analog Devices ADV7183ABST Datasheet HTML 33Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 104 page
background image
ADV7183A
Rev. A | Page 29 of 104
An automatic mode is provided. Here, the ADV7183A evaluates
the quality of the incoming video signal and selects the filter
responses in accordance with the signal quality and video
standard. YFSM, WYSFMOVR, and WYSFM allow the user to
manually override the automatic decisions in part or in full.
The luma shaping filter has three control registers:
•
YSFM[4:0] allows the user to manually select a shaping
filter mode (applied to all video signals) or to enable an
automatic selection (dependent on video quality and video
standard).
•
WYSFMOVR allows the user to manually override the
WYSFM decision.
•
WYSFM[4:0] allows the user to select a different shaping
filter mode for good quality CVBS, component (YPrPb),
and S-VHS (YC) input signals.
In automatic mode, the system preserves the maximum possible
bandwidth for good CVBS sources (since they can successfully
be combed) as well as for luma components of YPrPb and YC
sources, since they need not be combed. For poor quality
signals, the system selects from a set of proprietary shaping
filter responses that complements comb filter operation in order
to reduce visual artifacts.
The decisions of the control logic are shown in Figure 11.
YSFM[4:0] Y Shaping Filter Mode (SDP), Address 0x17, [4:0]
The Y shaping filter mode bits allow the user to select from a
wide range of low-pass and notch filters. When switched in
automatic mode, the filter is selected based on other register
selections (e.g., detected video standard) as well as properties
extracted from the incoming video itself (e.g., quality, time base
stability). The automatic selection always picks the widest
possible bandwidth for the video input encountered.
•
If the YSFM settings specify a filter (i.e., YSFM is set to
values other than 00000 or 00001), the chosen filter is
applied to all video, regardless of its quality.
•
In automatic selection mode, the notch filters are only used
for bad quality video signals. For all other video signals,
wideband filters are used.
WYSFMOVR Wideband Y Shaping Filter Override (SDP),
Address 0x18,[7]
Setting the WYSFMOVR bit enables the use of the WYSFM[4:0]
settings for good quality video signals. For more information,
refer to the general discussion of the luma shaping filters in the
Y Shaping Filter section and the flowchart shown in Figure 11.
Table 59.
WYSFMOVR
Description
0
Automatic selection of shaping filter for good
quality video signals.
1*
Enable manual override via WYSFM[4:0].
*Default value.
AUTO SELECT LUMA
SHAPING FILTER TO
COMPLEMENT COMB
SET YSFM
YSFM IN AUTO MODE?
00000 OR 00001
VIDEO
QUALITY
BAD
GOOD
SELECT WIDEBAND
FILTER AS PER
WYSFM[4:0]
SELECT AUTOMATIC
WIDEBAND FILTER
WYSFMOVR
1
0
USE YSFM SELECTED
FILTER REGARDLESS FOR
GOOD AND BAD VIDEO
YES
NO
Figure 11. YSFM and WYSFM Control Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com