Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7183ABST Datasheet(PDF) 22 Page - Analog Devices

Part # ADV7183ABST
Description  Multiformat SDTV Video Decoder
PDF  104 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7183ABST Datasheet(HTML) 22 Page - Analog Devices

Back Button ADV7183ABST Datasheet HTML 18Page - Analog Devices ADV7183ABST Datasheet HTML 19Page - Analog Devices ADV7183ABST Datasheet HTML 20Page - Analog Devices ADV7183ABST Datasheet HTML 21Page - Analog Devices ADV7183ABST Datasheet HTML 22Page - Analog Devices ADV7183ABST Datasheet HTML 23Page - Analog Devices ADV7183ABST Datasheet HTML 24Page - Analog Devices ADV7183ABST Datasheet HTML 25Page - Analog Devices ADV7183ABST Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 104 page
background image
ADV7183A
Rev. A | Page 22 of 104
SDP SYNC PROCESSING
The SDP extracts syncs embedded in the video data stream.
There is currently no support for external HS/VS inputs. The
sync extraction has been optimized to support imperfect video
sources (e.g., videocassette recorders with head switches). The
actual algorithm used employs a coarse detection based on a
threshold crossing followed by a more detailed detection using
an adaptive interpolation algorithm. The raw sync information
is sent to a line-length measurement and prediction block. The
output of this is then used to drive the digital resampling
section to ensure that the SDP outputs 720 active pixels per line.
The sync processing on the ADV7183A also includes two
specialized postprocessing blocks that filter and condition the
raw sync information retrieved from the digitized analog video.
•
VSYNC Processor. This block provides extra filtering of the
detected VSYNCs to give improved vertical lock.
•
HSYNC Processor. The HSYNC processor is designed to
filter incoming HSYNCs that have been corrupted by
noise, providing much improved performance for video
signals with stable time base but poor SNR.
SDP VBI DATA RECOVERY
The SDP can retrieve the following information from the input
video:
•
Wide-screen signaling (WSS)
•
Copy generation management system (CGMS)
•
Closed caption (CC)
•
Macrovision protection presence
•
EDTV data
•
Gemstar compatible data slicing
The SDP is also capable of automatically detecting the incoming
video standard with respect to
•
Color subcarrier frequency
•
Field rate
•
Line rate
and can configure itself to support PAL-BGHID, PAL-M/N,
PAL-combination N, NTSC-M, NTSC-J, SECAM 50 Hz/60 Hz,
NTSC4.43, and PAL60.
SDP GENERAL SETUP
Video Standard Selection (SDP)
The VID_SEL[3:0] register allows the user to force the digital
core into a specific video standard. Under normal
circumstances, this should not be necessary. The VID_SEL[3:0]
bits default to an autodetection mode that supports PAL, NTSC,
SECAM, and variants thereof.
Refer to the Autodetection of SDP Modes section for more
information on the autodetection system.
Autodetection of SDP Modes
In order to guide the autodetect system of the SDP block,
individual enable bits are provided for each of the supported
video standards. Setting the relevant bit to 0 inhibits the
standard from being detected automatically. Instead, the system
picks the closest of the remaining enabled standards. The results
of SDP autodetection can be read back via the status registers.
See the Global Status Registers section for more information.
Table 30. VID_SEL Function
VID_SEL[3:0]
Address 0x00 [7:4]
Description
0000*
Autodetect (PAL BGHID) <–> NTSC J.
0001
Autodetect (PAL BGHID) <–> NTSC M.
0010
Autodetect (PAL N) <–> NTSC J.
0011
Autodetect (PAL N) <–> NTSC M.
0100
NTSC J (1)
0101
NTSC M (1).
0110
PAL 60.
0111
NTSC 4.43 (1).
1000
PAL BGHID.
1001
PAL N ( = PAL BGHID (with pedestal)).
1010
PAL M (without pedestal).
1011
PAL M.
1100
PAL combination N.
1101
PAL combination N (with pedestal).
1110
SECAM.
1111
SECAM (with pedestal).
*Default value.
AD_SEC525_EN Enable Autodetection of SECAM 525 line
video (SDP), Address 0x07, [7]
Table 31. AD_SEC525_EN Function
AD_SEC525_EN
Description
0*
Disable the autodetection of a 525-line
system with a SECAM style, FM-modulated
color component.
1
Enable the detection.
*Default value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com