Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
INPUT/OUTPUT PORTS
MC68HC05JB3
7-6
REV 1
DDRCx — PCx Data Direction
1 =
Port pin set as output.
0 =
Port pin set as input.
VROFF — USB 3.3V Voltage Reference
See USB section for details.
1 =
Disable 3.3V regulator.
0 =
Enables 3.3V regulator.
OCMPO — OCMP Output Enable
See 16-BIT TIMER section for details.
1 =
PC0 is OCMP pin, OCF from 16-bit timer output compare.
0 =
PC0 is standard I/O pin, from Port-C data register.
7.3.3 Port-C Pull-down/up Register
With the pull-up/down mask option selected, each pin in Port-C has an internal
pull-down resistor which can be enabled by writing a ‘0’ to the corresponding bit in
the Port-C pull-down/up control register (PDURC) at location $000F.
PDRCx — PCx Pin Pull-down Enable
1 =
Internal pull-down disabled.
0 =
Internal pull-down enabled.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
PDURC
R
$000F
W
PDRC3
PDRC2
PDRC1
PDRC0
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com