Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 71 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 71 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 74Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 75Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 134 page
background image
November 5, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05JB3
UNIVERSAL SERIAL BUS MODULE
MOTOROLA
REV 1
10-3
10.2.1 USB Protocol
Figure 10-2
shows
the
various
transaction
types
supported
by
the
MC68HC05JB3 USB module. The transactions are portrayed as error free. The
effect of errors in the data flow are discussed later.
Figure 10-2. Supported Transaction Types per Endpoint
Each USB transaction is comprised of a series of packets. The MC68HC05JB3
USB module supports the packet types shown in Figure 10-3. Token packets are
generated by the USB host and decoded by the USB device. Data and
Handshake packets are both decoded and generated by the USB device
depending on the type of transaction.
SETUP
IN
OUT
DATA0/1
DATA0
DATA1
ACK
DATA1
OUT
ACK
OUT
DATA0
ACK
ACK
DATA0/1
ENDPOINT 0 TRANSACTIONS:
Control Write
Control Read
No-Data Control
ENDPOINTS 1 & 2 TRANSACTIONS:
Interrupt
Bulk Transmit
IN
ACK
KEY:
Unrelated Bus
Traffic
Host
Generated
Device
Generated
ACK
SETUP
OUT
IN
DATA0/1
DATA0
DATA1
ACK
DATA1
IN
ACK
IN
DATA0
ACK
ACK
ACK
SETUP
IN
DATA0
DATA1
ACK
ACK
DATA0/1
IN
ACK
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com