Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC705JB3 Datasheet(PDF) 64 Page - Freescale Semiconductor, Inc

Part # 68HC705JB3
Description  8-bit microcontroller units (MCUs)
PDF  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705JB3 Datasheet(HTML) 64 Page - Freescale Semiconductor, Inc

Back Button 68HC705JB3 Datasheet HTML 60Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 61Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 62Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 63Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 64Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 65Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705JB3 Datasheet HTML 68Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 134 page
background image
GENERAL RELEASE SPECIFICATION
November 5, 1998
MOTOROLA
16-BIT TIMER
MC68HC05JB3
9-8
REV 1
Reading the ICRH inhibits further captures until the ICRL is also read. Reading
the ICRL after reading the timer status register (TSR) clears the ICF flag bit. does
not inhibit transfer of the free-running counter. There is no conflict between read-
ing the ICRL and transfers from the free-running timer counters. The input capture
registers always contain the free-running timer counter value which corresponds
to the most recent input capture.
NOTE
To prevent interrupts from occurring between readings of the ICRH and ICRL, set
the I bit in the condition code register (CCR) before reading ICRH and clear the
I bit after reading ICRL.
9.4
OUTPUT COMPARE REGISTERS
The Output Compare function is a means of generating an interrupt when the 16-
bit timer counter reaches a selected value as shown in Figure 9-10. Software
writes the selected value into the output compare registers. On every fourth inter-
nal clock cycle (every eight oscillator clock cycle) the output compare circuitry
compares the value of the free-running timer counter to the value written in the
output compare registers. When a match occurs, the output compare interrupt
flag, OCF is set. A timer interrupt request to the CPU is generated if the output
compare interrupt enable is set, i.e. OCIE=1.
Port pin, PC0 is configured as the OCMP output pin when the OCMPO bit (bit7 at
$06) is set to “1”. The OCMP output reflects the logic of the output compare inter-
rupt flag, OCF, as shown in Figure 9-10.
OCMPO — OCMP Output Enable
1 =
PC0 is OCMP pin, OCF from 16-bit timer output compare.
0 =
PC0 is standard I/O pin, from Port-C data register.
Software can use the output compare register to measure time periods, to gener-
ate timing delays, or to generate a pulse of specific duration or a pulse train of
specific frequency and duty cycle.
Writing to the OCRH before writing to the OCRL inhibits timer compares until the
OCRL is written. Reading or writing to the OCRL after reading the TSR will clear
the output compare flag bit (OCF).
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
DDRC
R
OCMPO
VROFF
DDRC3
DDRC2
DDRC1
DDRC0
$0006
W
reset:
00000000
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com